Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10A05-T3 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # 10A05-T3
Description  10A STANDARD DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

10A05-T3 Datasheet(HTML) 1 Page - Won-Top Electronics

  10A05-T3 Datasheet HTML 1Page - Won-Top Electronics 10A05-T3 Datasheet HTML 2Page - Won-Top Electronics 10A05-T3 Datasheet HTML 3Page - Won-Top Electronics 10A05-T3 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
10A05 – 10A10
1 of 4
© 2006 Won-Top Electronics
Pb
10A05 – 10A10
10A STANDARD DIODE
Features
!
Diffused Junction
!
Low Forward Voltage Drop
!
High Current Capability
A
B
A
!
High Reliability
!
High Surge Current Capability
Mechanical Data
C
!
Case: P-600, Molded Plastic
D
!
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
!
Polarity: Cathode Band
!
Weight: 2.1 grams (approx.)
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
10A05
10A1
10A2
10A4
10A6
10A8
10A10
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 50°C
IO
10
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
600
A
Forward Voltage
@IF = 10A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
10
100
µA
Typical Junction Capacitance (Note 2)
Cj
150
80
pF
Typical Thermal Resistance Junction to Ambient
(Note 1)
RJA
10
°C/W
Operating Temperature Range
Tj
-50 to +150
°C
Storage Temperature Range
TSTG
-50 to +150
°C
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
WTE
POWER SEMICONDUCTORS
P-600
Dim
Min
Max
A
25.4
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm


Similar Part No. - 10A05-T3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
10A05-T DIODES-10A05-T Datasheet
67Kb / 3P
   10A RECTIFIER
DS28010 Rev. 4 - 2
More results

Similar Description - 10A05-T3

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
10A05 ZSELEC-10A05 Datasheet
202Kb / 2P
   10A STANDARD DIODE
logo
SUNMATE electronic Co.,...
10A05 SUNMATE-10A05 Datasheet
96Kb / 2P
   10A Axial Leaded Standard Diode
logo
Eldeco Srl
MRD31-R ELDECO-MRD31-R Datasheet
375Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
BLT31-V ELDECO-BLT31-V Datasheet
516Kb / 1P
   Standard : UL - IEC 300V - 130V 10A - 10A
MRB31-3.5-V ELDECO-MRB31-3.5-V Datasheet
504Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
MRD31-L ELDECO-MRD31-L Datasheet
376Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
BLH31-H ELDECO-BLH31-H Datasheet
506Kb / 1P
   Standard : UL - IEC 300V-130V 10A-10A
MRH31 ELDECO-MRH31 Datasheet
520Kb / 1P
   Standard : UL - IEC 300V - 250V 10A - 10A
BLT31-H ELDECO-BLT31-H Datasheet
513Kb / 1P
   Standard : UL - IEC 300V-130V 10A - 10A
logo
Digitron Semiconductors
MUR10120E DIGITRON-MUR10120E Datasheet
165Kb / 2P
   10A STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com