Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7151B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SAA7151B
Description  Digital multistandard colour decoder with SCART interface DMSD2-SCART
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7151B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SAA7151B Datasheet HTML 2Page - NXP Semiconductors SAA7151B Datasheet HTML 3Page - NXP Semiconductors SAA7151B Datasheet HTML 4Page - NXP Semiconductors SAA7151B Datasheet HTML 5Page - NXP Semiconductors SAA7151B Datasheet HTML 6Page - NXP Semiconductors SAA7151B Datasheet HTML 7Page - NXP Semiconductors SAA7151B Datasheet HTML 8Page - NXP Semiconductors SAA7151B Datasheet HTML 9Page - NXP Semiconductors SAA7151B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
April 1993
6
Philips Semiconductors
Product specification
Digital multistandard colour decoder with
SCART interface (DMSD2-SCART)
SAA7151B
Fig.2 Pin configuration.
handbook, full pagewidth
SAA7151A
SAA7151B
MEH293
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
CUV4
CUV5
CUV6
CUV7
CVBS0
CVBS1
CVBS2
CVBS3
VDD2
VSS1
CVBS4
CVBS5
CVBS6
CVBS7
GPSW1
GPSW2
HCL
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
UV2
UV3
UV4
UV5
UV6
UV7
Y0
Y1
VDD4
VSS3
Y2
Y3
Y4
Y5
Y6
Y7
CPI
FUNCTIONAL DESCRIPTION
System configuration
The SAA7151B system processes digital TV signals with
line-locked clock in PAL, SECAM and NTSC standards
(CVBS or S-Video) as well as RGB signals coming from a
SCART/peri-TV connector. The different source signals
are switched, if necessary matrixed and converted (Fig.3
and Table 1).
8-bit CVBS data (digitized composite video) and 8-bit UV
data (digitized chrominance and /or time-multiplexed
colour-difference signals) are fed to the SAA7151B. The
data rate is 27 MHz.
Chrominance processing
The 8-bit chrominance input signal (signal “C” out of CVBS
or Y/C in Fig.4) is fed via the input interface to a bandpass
filter for eliminating the DC component, then to the
quadrature demodulator. Subcarrier signals from the local
oscillator (DTO1) with 90 degree phase shift are applied to
its multiplier inputs. The frequency depends on set TV
standard.


Similar Part No. - SAA7151B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
More results

Similar Description - SAA7151B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
logo
STMicroelectronics
STV6400 STMICROELECTRONICS-STV6400 Datasheet
85Kb / 9P
   DOUBLE SCART INTERFACE
logo
Sanyo Semicon Device
LA73024AV SANYO-LA73024AV Datasheet
629Kb / 12P
   Double Scart Interface IC
LA73026AV SANYO-LA73026AV Datasheet
270Kb / 13P
   Double Scart Interface IC
logo
NXP Semiconductors
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
logo
Asahi Kasei Microsystem...
AK4703 AKM-AK4703 Datasheet
342Kb / 38P
   AV SCART switch
AKD4708-A AKM-AKD4708-A Datasheet
1Mb / 28P
   AV SCART switch
AK4707 AKM-AK4707 Datasheet
406Kb / 42P
   AV SCART Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com