Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7191B Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7191B
Description  Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7191B Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7191B Datasheet HTML 4Page - NXP Semiconductors SAA7191B Datasheet HTML 5Page - NXP Semiconductors SAA7191B Datasheet HTML 6Page - NXP Semiconductors SAA7191B Datasheet HTML 7Page - NXP Semiconductors SAA7191B Datasheet HTML 8Page - NXP Semiconductors SAA7191B Datasheet HTML 9Page - NXP Semiconductors SAA7191B Datasheet HTML 10Page - NXP Semiconductors SAA7191B Datasheet HTML 11Page - NXP Semiconductors SAA7191B Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
August 1996
8
Philips Semiconductors
Product specification
Digital Multistandard Colour Decoder,
Square Pixel (DMSD-SQP)
SAA7191B
7
FUNCTIONAL DESCRIPTION
7.1
Chrominance processor
The 8-bit chrominance input signal (CVBS or chrominance
format) passes a bandpass filter to eliminate DC
components and to decimate the sample rate before it is
fed to the two multipliers (quadrature demodulator), Fig.3.
Two subcarrier signals from a local oscillator (0 to 90
degree) are fed to the multiplicator inputs of the multipliers.
The multipliers operate as a quadrature demodulator for all
PAL and NTSC signals; it operates as a frequency
down-mixer for SECAM signals.
The two multiplier output signals are converted to a serial
data stream and applied to three low-pass filter stages,
then to a gain controlled amplifier. A final multiplexed
low-pass filter achieves, together with the preceding
stages, the required bandwidth performance. The signals,
originated from PAL and NTSC, are applied to a
comb-filter. The signals, originated from SECAM, are fed
through a Cloche filter (0 Hz centre frequency), a phase
demodulator and a differentiator to obtain
frequency-demodulated colour-difference signals.The
SECAM signals are fed after de-emphasis to a cross-over
switch, to provide the both serial-transmitted
colour-difference signals. These signals are fed finally to
the output formatter stages and to the output interface.


Similar Part No. - SAA7191B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7196H PHILIPS-SAA7196H Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7197 PHILIPS-SAA7197 Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7197P PHILIPS-SAA7197P Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
SAA7197T PHILIPS-SAA7197T Datasheet
107Kb / 16P
   Clock Generator Circuit for desktop video systems CGC
August 1996
More results

Similar Description - SAA7191B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7151B PHILIPS-SAA7151B Datasheet
311Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
SAA7151B PHILIPS-SAA7151B Datasheet
235Kb / 49P
   Digital multistandard colour decoder with SCART interface DMSD2-SCART
April 1993
TDA4651 PHILIPS-TDA4651 Datasheet
147Kb / 15P
   Multistandard colour decoder with negative colour difference output signals
August 1993
TDA4650 PHILIPS-TDA4650 Datasheet
147Kb / 13P
   Multistandard colour decoder, with negative colour difference output signals
March 1991
SAA9051 PHILIPS-SAA9051 Datasheet
1Mb / 44P
   Digital multistandard TV decoder
May 1991
TDA4557 PHILIPS-TDA4557 Datasheet
88Kb / 11P
   Multistandard decoder
March 1991
TDA4555 PHILIPS-TDA4555 Datasheet
107Kb / 11P
   Multistandard decoder
November 1984
logo
Zarlink Semiconductor I...
VP7615 ZARLINK-VP7615 Datasheet
286Kb / 26P
   Colour Digital Video Camera Decoder IC
logo
Mitel Networks Corporat...
VP7615 MITEL-VP7615 Datasheet
106Kb / 25P
   Colour Digital Video Camera Decoder IC
logo
List of Unclassifed Man...
VP7610 ETC-VP7610 Datasheet
248Kb / 14P
   COLOUR DIGITAL VIDEO CAMERA DECODER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com