Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR1P Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR1P
Description  1 AMP 1300 ??1900 VOLTS 70 nsec ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR1P Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR1P Datasheet HTML 1Page - Solid States Devices, Inc SDR1P Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR1
__ __ __
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
Family -P = 1300 V
-R = 1400 V
-S = 1500 V
-T = 1600 V
-V = 1700 V
-W = 1800 V
SDR1P thru SDR1W
and
SDR1PSMS and SDR1WSMS
1 AMP
1300 ─ 1900 VOLTS
70 nsec ULTRA FAST RECTIFIER
FEATURES:
Ultra Fast Recovery: 70 ns Max @ 25
°C 4/
Single Chip Construction
PIV to 1800 Volts
Low Reverse Leakage Current
Hermetically Sealed
For High Efficiency Applications
Available in Axial and Surface Mount Versions
Metallurgically Bonded
TX, TXV, and S-Level Screening Available
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SDR1P and SDR1PSMS
SDR1R and SDR1RSMS
SDR1S and SDR1SSMS
SDR1T and SDR1TSMS
SDR1V and SDR1VSMS
SDR1W and SDR1WSMS
VRRM
VRWM
VR
1300
1400
1500
1600
1700
1800
Volts
Rectified Forward Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
1.0
Amp
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TA = 25°C)
IFSM
20
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance, Junction to Lead, L = 3/8” (Axial)
Junction to End Tab (SMS)
RθJL
RθJE
35
28
°C/W
Axial Lead
SMS
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/ Recovery Conditions: IF = 0.5 Amp, IR = 1.0 Amp, IRR to .25 Amp.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0001D
DOC


Similar Part No. - SDR1P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1P SSDI-SDR1P Datasheet
201Kb / 2P
   ULTRA FAST RECTIFIER
SDR1PHF SSDI-SDR1PHF Datasheet
114Kb / 2P
   HYPER FAST RECTIFIER
SDR1PSMS SSDI-SDR1PSMS Datasheet
201Kb / 2P
   ULTRA FAST RECTIFIER
SDR1P SSDI-SDR1P_1 Datasheet
201Kb / 2P
   ULTRA FAST RECTIFIER
More results

Similar Description - SDR1P

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR1304 SSDI-SDR1304 Datasheet
139Kb / 2P
   3 AMP, 400 - 800 Volts 70 nsec, Ultra Fast Rectifier
SDR1-12 SSDI-SDR1-12 Datasheet
214Kb / 2P
   1.0 AMP 1200 - 1600 VOLTS 70 nsec ULTRA FAST RECTIFIER
SDR705 SSDI-SDR705 Datasheet
201Kb / 2P
   70 AMP 50-200 VOLTS 50 nsec ULTRA FAST RECTIFIER
SDR9JUF SSDI-SDR9JUF_1 Datasheet
38Kb / 2P
   9 AMP 800-1000 Volts 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR9JUF SSDI-SDR9JUF Datasheet
51Kb / 2P
   9 AMP 800 - 1000 VOLTS 70 nsec ULTRA FAST RECOVERY RECTIFIER
SDR6KSMS SSDI-SDR6KSMS Datasheet
208Kb / 2P
   6 AMP 800-1000 VOLTS 60-70 nsec ULTRA FAST RECTIFIER
RC0103B SSDI-RC0103B Datasheet
215Kb / 2P
   70 nsec ULTRA FAST RECTIFIER
logo
Micro Commercial Compon...
BY133 MCC-BY133_13 Datasheet
242Kb / 3P
   1 Amp Rectifier 1300 Volts
BY133 MCC-BY133 Datasheet
223Kb / 3P
   1 Amp Rectifier 1300 Volts
logo
Solid States Devices, I...
SRS1D SSDI-SRS1D Datasheet
191Kb / 2P
   1 AMP 200-1200 VOLTS 50-65 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com