Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S60 Datasheet(PDF) 9 Page - Sharp Corporation

Part # GP2S60
Description  SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S60 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button GP2S60_05 Datasheet HTML 5Page - Sharp Corporation GP2S60_05 Datasheet HTML 6Page - Sharp Corporation GP2S60_05 Datasheet HTML 7Page - Sharp Corporation GP2S60_05 Datasheet HTML 8Page - Sharp Corporation GP2S60_05 Datasheet HTML 9Page - Sharp Corporation GP2S60_05 Datasheet HTML 10Page - Sharp Corporation GP2S60_05 Datasheet HTML 11Page - Sharp Corporation GP2S60_05 Datasheet HTML 12Page - Sharp Corporation GP2S60_05 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
Sheet No.: D3-A02101EN
GP2S60
● Recommended pattern
2−1
2−1
(Unit : mm)
area : Please do not apply the pattern wiring to avoid the possibility of short circuit.
2−1.7
Regarding amount of solder, if there is solder leakage in terminal wiring pattern between PCB and housing
main body, the reliability will be deteriorated.
Please check the proper amount of solder in advance not to have solder leakage into terminal wiring pattern
between PCB and housing main body.


Similar Part No. - GP2S60_05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S60A SHARP-GP2S60A Datasheet
88Kb / 6P
   Subminiature, Reflective Type Photointerrupter for Automatic Mounting
GP2S60B SHARP-GP2S60B Datasheet
88Kb / 6P
   Subminiature, Reflective Type Photointerrupter for Automatic Mounting
More results

Similar Description - GP2S60_05

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2L24J0000F SHARP-GP2L24J0000F Datasheet
151Kb / 12P
   Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP1S173LCS2F SHARP-GP1S173LCS2F Datasheet
344Kb / 10P
   Gap : 5.0mm Slit : 0.5mm Phototransistor Output, Compact Transmissive Photointerrupter with connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com