Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2L24CJ000F Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP2L24CJ000F
Description  Detecting Distance : 0.7mm Darlington Phototransistor Output Compact Refl ective Photointerrupter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2L24CJ000F Datasheet(HTML) 4 Page - Sharp Corporation

  GP2L24CJ000F Datasheet HTML 1Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 2Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 3Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 4Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 5Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 6Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 7Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 8Page - Sharp Corporation GP2L24CJ000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Sheet No.: D3-A02301EN
GP2L24J0000F
■ Absolute Maximum Ratings
■ Electro-optical Characteristics
(Ta=25˚C )
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
50
mA
Reverse voltage
VR
6V
Power dissipation
PD
75
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
50
mA
Collector power dissipation
PC
75
mW
Total power dissipation
Ptot
100
mW
Operating temperature
Topr
−25 to +85
˚C
Storage temperature
Tstg
−40 to +100
˚C
∗1Soldering temperature
Tsol
260
˚C
1 For 5s or less.
(Ta=25˚C )
Parameter
Symbol
Condition
MIN.
TYP.
MAX.
Unit
Input
Forward voltage
VF
IF=20mA
1.2
1.4
V
Reverse current
IR
VR=6V
−−
10
μA
Output
Collector dark current
ICEO
VCE=10V
−−
1nA
Transfer
charac-
teristics
∗2 Collector current
IC
IF=4mA, VCE=2V
0.5
3
15
mA
∗3 Leak current
ILEAK
IF=4mA, VCE=5V
−−
5nA
Response time
Rise time
tr
VCE=2V, IC=10μA,
RL=100Ω, d=1mm
80
400
μs
Fall time
tf
70
400
2 The condition and arrangement of the reflective object are shown below.
The rank splitting of collector current (IC) shall be executed according to the table below.
Rank
Collector current, IC [mA]
(IF=4mA, VCE=2V)
Package sleeve color
A
0.5 to 1.9
Yellow
B
1.45 to 5.4
Transparent
C
4 to 15
Green
3 Without reflective object.
● Test Arrangement for Collector Current
d=1mm glass plate
Al evaporation
Soldering area


Similar Part No. - GP2L24CJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2L24 SHARP-GP2L24 Datasheet
72Kb / 6P
   Subminiature, High Sensitivity Photointerrupter
More results

Similar Description - GP2L24CJ000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S24J0000F SHARP-GP2S24J0000F Datasheet
156Kb / 12P
   Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S27J0000F SHARP-GP2S27J0000F Datasheet
172Kb / 14P
   SMT, Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S40J0000F SHARP-GP2S40J0000F Datasheet
151Kb / 10P
   Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S60 SHARP-GP2S60_05 Datasheet
158Kb / 15P
   SMT, Detecting Distance : 0.5mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S700HCP SHARP-GP2S700HCP Datasheet
146Kb / 13P
   SMT, Detecting Distance : 3mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2A200LCS0F SHARP-GP2A200LCS0F Datasheet
151Kb / 10P
   Detecting Distance : 2 to 22mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A25J0000F SHARP-GP2A25J0000F Datasheet
146Kb / 10P
   Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A28AJ000F SHARP-GP2A28AJ000F Datasheet
149Kb / 11P
   Flat detecting portion Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
GP2A231LRSAF SHARP-GP2A231LRSAF Datasheet
163Kb / 12P
   Snap-in type Detecting Distance : 1 to 9mm OPIC Output, Refl ective Photointerrupter with Connector
logo
AVAGO TECHNOLOGIES LIMI...
AEDR-850X AVAGO-AEDR-850X Datasheet
264Kb / 10P
   3 Channel Refl ective Incremental Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com