Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ1KA253MZPH Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ1KA253MZPH
Description  Compact Surface Mount Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1KA253MZPH Datasheet(HTML) 4 Page - Sharp Corporation

  PQ1KA253MZPH Datasheet HTML 1Page - Sharp Corporation PQ1KA253MZPH Datasheet HTML 2Page - Sharp Corporation PQ1KA253MZPH Datasheet HTML 3Page - Sharp Corporation PQ1KA253MZPH Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Sheet No.: OP06063
Fig.10 Dropout Voltage vs. Output Current
(Typical Value)
PQ1KAxx3MZPH Series
0
50
100
150
200
250
300
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Output current IO (mA)
Ta=25°C,VC=1.8V,VIN=Input voltage when output
voltage falls 0.1V from that at VIN=VO(TYP.)+1.0V
-40 -20
0
20 40 60
100
80
120 140
0
0.1
0.2
0.3
0.4
0.5
Fig.12 Output Peak Current vs. Junction
Temperature (Typical Value)
Junction temperature Tj (°C)
VIN=VO(TYP.)+1.0V
IOP:Output current when output voltage
falls 0.3V from that at IO=30mA.
 Example of application
ON/OFF signal
 
High
: Output ON
: Output OFF
Low or Open
-40 -20
0
20 40 60
100
80
120 140
-40
-50
-30
-20
-10
30
20
10
0
40
50
VIN=4.3V,VC=1.8V,
IO=30mA,
CIN=CO=1μF(Ceramic capacitor)
CN=0.01μF(Ceramic capacitor)
Fig.9 Output Voltage Deviation vs. Junction Temperature
(Typical Value) (PQ1KA333MZPH)
Junction temperature Tj (°C)
0
1
10
100
20
10
0
30
40
50
60
70
80
Ta=25°C,VIN=4.3V,VC=1.8V
IO=30mA,
CO=1μF(Ceramic capacitor)
CN=0.1μF(Ceramic capacitor)
Input ripple frequency f(kHz)
Fig.11 Ripple Rejection vs. Input Ripple Frequency
(Typical Value) (PQ1KA333MZPH)
1
2
4
6
3
VIN
CIN
0.01μF
C
Load
5


Similar Part No. - PQ1KA253MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1K183M2ZP SHARP-PQ1K183M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1K213M2ZP SHARP-PQ1K213M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1K213M2ZP SHARP-PQ1K213M2ZP Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
PQ1K253M2ZP SHARP-PQ1K253M2ZP Datasheet
57Kb / 5P
   Low Output Current, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1K253M2ZP SHARP-PQ1K253M2ZP Datasheet
45Kb / 3P
   Low Power-Loss Voltage Regulator
More results

Similar Description - PQ1KA253MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEZ5MZXH SHARP-PQXXXEZ5MZXH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com