Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7197T Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7197T
Description  Clock Generator Circuit for desktop video systems CGC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7197T Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7197T Datasheet HTML 1Page - NXP Semiconductors SAA7197T Datasheet HTML 2Page - NXP Semiconductors SAA7197T Datasheet HTML 3Page - NXP Semiconductors SAA7197T Datasheet HTML 4Page - NXP Semiconductors SAA7197T Datasheet HTML 5Page - NXP Semiconductors SAA7197T Datasheet HTML 6Page - NXP Semiconductors SAA7197T Datasheet HTML 7Page - NXP Semiconductors SAA7197T Datasheet HTML 8Page - NXP Semiconductors SAA7197T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
August 1996
3
Philips Semiconductors
Product specification
Clock Generator Circuit for desktop video systems (CGC)
SAA7197
BLOCK DIAGRAM
Fig.1 Block diagram.
handbook, full pagewidth
11
SAA7197
VCO
FREQUENCY
DIVIDER
1 : 2
FREQUENCY
DIVIDER
1 : 2
DELAY
LOOP
FILTER
PHASE
DETECTOR
PRE-FILTER
AND
PULSE
SHAPER
POWER-ON
RESET
LFCO
CE
MS
1
V
DDD1
V
DDD2
V
DDA
517
8
7
10
20
15
14
LLCA
LLCB
LLC2A
LLC2B
CREF
RESN
12
4
V
SSA
V
SSD
6, 9, 13, 18
3
PORD
MEH461
2
19
LFCO2
LFCOSEL
16
MS = LOW
FUNCTION DESCRIPTION
The SAA7197 generates all clock signals required for a
digital TV system suitable for the SAA719x family
consisting of an 8-bit analog-to-digital converter (ADC8),
digital video multistandard decoder, square pixel
(DMSD-SQP), digital video colour space converter
(DCSC) and optional extensions. The SAA7197 completes
a system for Desktop Video applications in conjunction
with memory controllers.
The input signal LFCO is a digital-to-analog converted
signal provided by the DMDS-SQPs horizontal PLL. It is
the multiple of the line frequency:
7.38 MHz = 472
× fH in 50 Hz systems
6.14 MHz = 360
× fH in 60 Hz systems
LFCO2 (TTL-compatible signal from an external reference
source) can be applied to pin 19 (LFCOSEL = HIGH).
The input signal LFCO or LFCO2 is multiplied by factors 2
or 4 in the PLL (including phase detector, loop filter, VCO
and frequency divider) and output on LLCA (pin7), LLCB
(pin 10), LLC2A (pin 14) and LLC2B (pin 20). The
rectangular output signals have 50% duty factor. Outputs
with equal frequency may be connected together
externally. The clock outputs go HIGH during power-on
reset (and chip enable) to ensure that no output clock
signals are available the PLL has locked-on.
Mode select MS
The LFCO input signal is directly connected to the VCO at
MS = HIGH. The circuit operates as an oscillator and
frequency divider. This function is not tested.


Similar Part No. - SAA7197T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7191B PHILIPS-SAA7191B Datasheet
199Kb / 40P
   Digital Multistandard Colour Decoder, Square Pixel DMSD-SQP
August 1996
SAA7196 PHILIPS-SAA7196 Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7196H PHILIPS-SAA7196H Datasheet
302Kb / 76P
   Digital video decoder, Scaler and Clock generator circuit DESCPro
1996 Nov 04
SAA7199 PHILIPS-SAA7199 Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
SAA7199B PHILIPS-SAA7199B Datasheet
188Kb / 40P
   Digital Video Encoder DENC GENLOCK-capable
1996 Sep 27
More results

Similar Description - SAA7197T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAA9057B ETC1-SAA9057B Datasheet
317Kb / 7P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
SAA9057A ETC1-SAA9057A Datasheet
301Kb / 6P
   CLOCK SIGNAL GENERATOR CIRCUIT FOR DIGITAL TV SYSTEMS(CGC)
logo
Integrated Device Techn...
IDTCV119E IDT-IDTCV119E Datasheet
111Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Toshiba Semiconductor
TMPZ84C61AP-6 TOSHIBA-TMPZ84C61AP-6 Datasheet
440Kb / 23P
   TLCS-Z80 CGC : Z80 CLOCK GENERATOR/CONTROLLER
logo
Integrated Device Techn...
IDTCV107E IDT-IDTCV107E Datasheet
96Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
IDTCV109E IDT-IDTCV109E Datasheet
104Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
logo
Renesas Technology Corp
IDTCV119E RENESAS-IDTCV119E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
IDTCV105E RENESAS-IDTCV105E Datasheet
277Kb / 22P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
JANUARY 2004
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
Integrated Device Techn...
IDTCV104B IDT-IDTCV104B Datasheet
95Kb / 21P
   CLOCK GENERATOR FOR DESKTOP PC PLATFORMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com