Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ3RF23 Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ3RF23
Description  3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ3RF23 Datasheet(HTML) 6 Page - Sharp Corporation

  PQ3RF23 Datasheet HTML 1Page - Sharp Corporation PQ3RF23 Datasheet HTML 2Page - Sharp Corporation PQ3RF23 Datasheet HTML 3Page - Sharp Corporation PQ3RF23 Datasheet HTML 4Page - Sharp Corporation PQ3RF23 Datasheet HTML 5Page - Sharp Corporation PQ3RF23 Datasheet HTML 6Page - Sharp Corporation PQ3RF23 Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ3RF23/PQ3RF33
s Typical Application
Specific IC
VO
0.33
µF
CO
DC input
+
High or Open :output ON
Low
:output OFF
ON/OFF Control
1
2
3
4


Similar Part No. - PQ3RF23

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
More results

Similar Description - PQ3RF23

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
   Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
   3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
   3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com