Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7205H Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SAA7205H
Description  MPEG-2 systems demultiplexer
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7205H Datasheet(HTML) 3 Page - NXP Semiconductors

  SAA7205H Datasheet HTML 1Page - NXP Semiconductors SAA7205H Datasheet HTML 2Page - NXP Semiconductors SAA7205H Datasheet HTML 3Page - NXP Semiconductors SAA7205H Datasheet HTML 4Page - NXP Semiconductors SAA7205H Datasheet HTML 5Page - NXP Semiconductors SAA7205H Datasheet HTML 6Page - NXP Semiconductors SAA7205H Datasheet HTML 7Page - NXP Semiconductors SAA7205H Datasheet HTML 8Page - NXP Semiconductors SAA7205H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
1997 Jan 21
3
Philips Semiconductors
Preliminary specification
MPEG-2 systems demultiplexer
SAA7205H
1
FEATURES
• Input data fully compliant with the Transport Stream
(TS) definition of the MPEG-2 systems specification
(International Standard; November 1994)
• Input data signals: Forward Error Correction (FEC) or
descrambler interface
– modem data input bus (8-bit wide)
PKTDAT7 to PKTDAT0
– valid input data indicator (PKTDATV)
– erroneous packet indicator (PKTBAD/PKTBAD)
– first packet byte indicator (PKTSYNC)
– byte strobe signal [for the asynchronous mode only
(PKTBCLK)]
• The interface can be configured to either of two modes:
– asynchronous mode; PKTBCLK < 9 MHz, for
connection to a modem (e.g. FEC)
– synchronous mode; PKTBCLK is not used for
connection to an external descrambler operating at
9 MHz. The descrambler chip clock (9 MHz; 33%
duty cycle) is generated and output to the
demultiplexer.
The descrambler chip clock [DCLK (9 MHz, 33% duty
cycle)] is generated and output by the demultiplexer
• External memory; standard 32K × 8-bit static RAM.
Required typical access time
≤ 50 ns, write pulse width
(tWP) ≤ 35 ns.
• Effective bit rate: fbit ≤ 72 MHz
• Control Interface; 8-bit multiplexed data/address
(MDAT7 to MDAT0), memory mapped I/O (P90CE201
microcontroller parallel bus compatible), in combination
with two microcontroller interrupt signals (IRQ and NMI).
In addition, a number of address input pins
(MA9 to MA2) allow direct access to a selected set of
demultiplexer registers.
• Output ports:
Video; two alternative applications;
– third party video decoder compatible (master or slave
horizontal or vertical sync generation)
– Philips SAA7201 compatible (via general purpose
output)
Audio; third party audio decoder, or Philips SAA2500
compatible
Audio/video; third party combined A/V decoder
compatible, (programmable)
Teletext; a Teletext Clock/Teletext Data (TTC/TTD)
based serial interface to selected teletext decoders
(e.g. SAA9042). Alternatively, this interface can be
programmed to provide data for Vertical Blanking
Interval (VBI) insertion of teletext data. The interface
therefore includes a teletext data request input (TTR).
In this mode, the interface is compatible with the
SAA7183 (EURO-DENC) TXT interface.
HS Data; high-speed data output, outputting entire
transport packets, packet payloads, PES packet
payloads, or sections (programmable) at byte clock
frequency (9 MHz). In the test mode it is capable of
outputting copies of either video, audio or other data
streams (programmable).
HS pins are combined with the general purpose
interface. The general purpose interface is bidirectional,
and can therefore, be used as an alternative transport
stream input.
• Descrambler; 8-bit wide data input interface, combined
with the modem input bus. A descrambler device may
output a descrambled transport stream at 9 MByte/s.
A 9 MHz descrambler clock is generated and output by
the demultiplexer.
• Microcontroller support; only for control, no specific
demultiplexing tasks are performed by the
microcontroller. However, parsing and processing of
Program Specific Information (PSI), and Service
Information (SI) is left to the microcontroller.
• Error handling; stream dependent error handling
algorithms, invoked either if the PKTBAD/PKTBAD input
signal is set, or if the transport_error_indicator bit
(MPEG-2 syntax) is set or if the parser detects an
MPEG-2 syntax error. Different handling algorithms are
applied for the various output ports.


Similar Part No. - SAA7205H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7206 PHILIPS-SAA7206 Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
SAA7206H PHILIPS-SAA7206H Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
More results

Similar Description - SAA7205H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Synaptics Incorporated.
CX23416 CONEXANT-CX23416 Datasheet
837Kb / 2P
   MPEG-2 Encoder
logo
Sony Corporation
CXD1922Q SONY-CXD1922Q Datasheet
38Kb / 4P
   MPEG-2 Video Encoder
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
logo
NXP Semiconductors
SAA7240 PHILIPS-SAA7240 Datasheet
127Kb / 32P
   MPEG-2 Transport RISC processor
2001 Oct 22
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
SAA6752HS PHILIPS-SAA6752HS Datasheet
2Mb / 71P
   MPEG-2 video and MPEG-audio/AC-3 audio encoder with multiplexer
2004 Jan 26
logo
STMicroelectronics
STI3500A STMICROELECTRONICS-STI3500A Datasheet
7Mb / 72P
   MPEG-2/CCIR 601 VIDEO DECODER
logo
List of Unclassifed Man...
E5784 ETC2-E5784 Datasheet
94Kb / 3P
   Voyager MPEG-2 High Definitior DSNG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com