Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ2L3152MSPQ Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ2L3152MSPQ
Description  2-Output Type Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ2L3152MSPQ Datasheet(HTML) 3 Page - Sharp Corporation

  PQ2L3152MSPQ Datasheet HTML 1Page - Sharp Corporation PQ2L3152MSPQ Datasheet HTML 2Page - Sharp Corporation PQ2L3152MSPQ Datasheet HTML 3Page - Sharp Corporation PQ2L3152MSPQ Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Sheet No.: OP06046
PQ2Lxxx2MSPQ Series
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
0
100
200
300
400
500
600
700
800
900
1000
-40 -25 0
25
50
85
75
125
100
150
0
0.1
0.2
0.3
0.4
0
25
50
75
100
Output current I O (A)
-50
-25
0
25
50
75
100
125
-20
-15
-10
-5
0
5
10
15
20
VO2
VO1
Fig.6 Output Voltage(VO1) vs. Input Voltage
(PQ2L3152MSPQ)(Typical Value)
Input voltage VIN (V)
01
23
4
5
6
7
0
0.5
1.0
1.5
2.0
Fig.7 Output Voltage(VO2) vs. Input Voltage
(PQ2L3152MSPQ)(Typical Value)
Input voltage VIN (V)
Fig.4 Overcurrent Protection Characteristics
(Typical Value)
Junction temperature Tj (°C)
0
1
2
3
4
01
23
4
5
6
7
PCB
Copper foil
Mounting PCB
Fig.5 Reference Voltage Deviation vs. Junction
Temperature (PQ2L3252MSPQ)(Typical Value)
Fig.3 Power Dissipation vs. Ambient
Temperature
Material
PCB Size
Copper foil area
Thickness of copper
: Glass-cloth epoxy resin
: 20×20×1.0mm
: 180mm2
: 35μm


Similar Part No. - PQ2L3152MSPQ

ManufacturerPart #DatasheetDescription
logo
YUXIANG Magnetc materia...
PQ20 YUXIANG-PQ20 Datasheet
103Kb / 3P
   PQ CORES
logo
Ferroxcube Internationa...
PQ20 FERROXCUBE-PQ20 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81 FERROXCUBE-PQ20-3C81 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A160 FERROXCUBE-PQ20-3C81-A160 Datasheet
65Kb / 6P
   PQ cores and accessories
PQ20-3C81-A250 FERROXCUBE-PQ20-3C81-A250 Datasheet
65Kb / 6P
   PQ cores and accessories
More results

Similar Description - PQ2L3152MSPQ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1_01 Datasheet
68Kb / 7P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2_01 Datasheet
96Kb / 9P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com