Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ09RA1 Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ09RA1
Description  OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ09RA1 Datasheet(HTML) 4 Page - Sharp Corporation

  PQ09RA1 Datasheet HTML 1Page - Sharp Corporation PQ09RA1 Datasheet HTML 2Page - Sharp Corporation PQ09RA1 Datasheet HTML 3Page - Sharp Corporation PQ09RA1 Datasheet HTML 4Page - Sharp Corporation PQ09RA1 Datasheet HTML 5Page - Sharp Corporation PQ09RA1 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Low Power-Loss Voltage Regulators
PQ05RA1/PQ05RA11 Series
Fig.11 Circuit Operating Current vs. Input
Voltage (PQ05RA1/11)
Fig.13 Circuit Operating Current vs. Input
Voltage (PQ12RA1/11)
Fig.15 Quiescent Current vs. Junction
Temperature
Fig.14 Dropout Voltage vs. Junction
Temperature
Fig.16 Ripple Rejection vs. Input Ripple
Frequency
Fig.12 Circuit Operating Current vs. Input
Voltage (PQ09RA1/11)
0
–25
0
25
50
75
100
125
5
Junction temperature Tj (˚C)
VIN=35V
IO=0A
VC=2.7V
10
0.1
1
10
100
Input ripple frequency f (kHz)
100
80
60
40
20
0
VIN= 7V(PQ05RA1/11)
VIN=11V(PQ09RA1/11)
VIN=14V(PQ12RA1/11)
ei(rms)=0.5V
IO=0.5A
0
–25
0
25
50
75
100
125
0.1
0.2
0.3
0.4
Junction temperature Tj (˚C)
0.5
0.25A
0.75A
IO=1A
0.5A
0
010
20
Input voltage VIN (V)
40
20
RL=9
RL=18
RL=
0
05
10
Input voltage VIN (V)
RL=5
RL=10
RL=
40
20
0
010
20
Input voltage VIN (V)
40
20
RL=12
RL=24
RL=


Similar Part No. - PQ09RA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ09RA1 SHARP-PQ09RA1 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ09RA11 SHARP-PQ09RA11 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
More results

Similar Description - PQ09RA1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RA1 SHARP-PQ05RA1 Datasheet
41Kb / 5P
   OFF-state Low Dissipation Current 1A Output, Low Power-Loss Voltage Regulators
PQ05TZ51 SHARP-PQ05TZ51 Datasheet
57Kb / 8P
   Low Power-Loss Voltage Regulators with OFF-state Low Dissipation Current
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
PQXXXRDA1SZH SHARP-PQXXXRDA1SZH Datasheet
204Kb / 7P
   TO-220 Type,1A Output Low Power-Loss Voltage Regulators
PQ15RF15 SHARP-PQ15RF15 Datasheet
39Kb / 4P
   1A Output, Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
PQ05RF12 SHARP-PQ05RF12 Datasheet
40Kb / 5P
   1A Output Low Power-Loss Voltage Regulators Considering Power Line Voltage Drop
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com