Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ05RF2 Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ05RF2
Description  2A Output, Low Power-Loss Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ05RF2 Datasheet(HTML) 5 Page - Sharp Corporation

  PQ05RF2 Datasheet HTML 1Page - Sharp Corporation PQ05RF2 Datasheet HTML 2Page - Sharp Corporation PQ05RF2 Datasheet HTML 3Page - Sharp Corporation PQ05RF2 Datasheet HTML 4Page - Sharp Corporation PQ05RF2 Datasheet HTML 5Page - Sharp Corporation PQ05RF2 Datasheet HTML 6Page - Sharp Corporation PQ05RF2 Datasheet HTML 7Page - Sharp Corporation PQ05RF2 Datasheet HTML 8Page - Sharp Corporation PQ05RF2 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF21/PQ05RF2V Series
Fig.13 Output Voltage vs. Input Voltage
(PQ05RF2/PQ05RF21/PQ05RF2V)
Fig.15 Output Voltage vs. Input Voltage
(PQ12RF2/PQ12RF21/PQ12RF2V)
Fig.17 Circuit Operating Current vs. Input Voltage
(PQ05RF2/PQ05RF21/PQ05RF2V)
Fig.16 Output Voltage vs. Input Voltage
(PQ15RF2/PQ15RF21/PQ15RF2V)
Fig.18 Circuit Operating Current vs. Input Voltage
(PQ09RF2/PQ09RF21/PQ09RF2V)
Fig.14 Output Voltage vs. Input Voltage
(PQ09RF2/PQ09RF21/PQ09RF2V)
0
02
6
48
10
8
7
6
5
4
3
2
1
Input voltage VIN (V)
RL=
RL=5
RL=2.5
0
0
5
10
15
5
10
Input voltage VIN (V)
RL=
RL=9
RL=4.5
0
0
5
10
15
20
25
5
10
15
20
RL=
RL=12
RL=6
Input voltage VIN (V)
0
0
5
10
15
20
25
5
10
15
20
Input voltage VIN (V)
RL=
RL=15
RL=7.5
0
010
15
5
20
40
60
RL=
RL=
RL=9
RL=9
RL=4.5
RL=4.5
80
Input voltage VIN (V)
0
05
10
20
40
60
RL=
RL=5
RL=2.5
80
Input voltage VIN (V)


Similar Part No. - PQ05RF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF2 SHARP-PQ05RF2 Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ05RF2/PQ05RF2V SHARP-PQ05RF2/PQ05RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
PQ05RF21 SHARP-PQ05RF21 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQ05RF21 SHARP-PQ05RF21 Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
More results

Similar Description - PQ05RF2

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RF2 SHARP-PQ05RF2 Datasheet
69Kb / 8P
   2A Output, Low Power-Loss Voltage Regulators
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
   3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1_01 Datasheet
68Kb / 7P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RH1 SHARP-PQ05RH1 Datasheet
50Kb / 6P
   1.5A Output, Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
logo
Fairchild Semiconductor
KA278RA05C FAIRCHILD-KA278RA05C Datasheet
208Kb / 20P
   2A Output Low Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com