Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ7DV5 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ7DV5
Description  Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ7DV5 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ7DV5_01 Datasheet HTML 1Page - Sharp Corporation PQ7DV5_01 Datasheet HTML 2Page - Sharp Corporation PQ7DV5_01 Datasheet HTML 3Page - Sharp Corporation PQ7DV5_01 Datasheet HTML 4Page - Sharp Corporation PQ7DV5_01 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Low Power-Loss Voltage Regulators
PQ7DV5
Fig. 5 Reference Voltage Deviation vs.
Junction Temperature
Fig. 6 Output Voltage vs. Input Voltage
Fig. 7 Circuit Operating Current vs. Input
Voltage
Fig. 9 Quiescent Current vs. Junction
Temperature
Fig. 8 Dropout Voltage vs. Junction
Temperature
Fig.10 Ripple Rejection vs. Input Ripple
Frequency
–10
–25
0
25
50
75
100
125
–6
–2
2
6
–8
–4
0
4
8
VIN=5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO=2.5A
10
Junction temperature Tj (˚C)
–25
0
50
25
100
75
125
0.5
0.4
0.2
0.3
0.1
0
Junction temperature Tj (˚C)
VIN :0.95VO
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO=5A
0
–25
0
25
50
75
100
125
2
10
12
4
14
6
16
8
18
VIN =5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
IO =0A
20
Junction temperature Tj (˚C)
0
01
2
3
4
5
1
2
3
4
RL=
RL=1.2
RL=0.6
Input voltage VIN (V)
Tj =25˚C
VO=3V(R1=2k
Ω,R2=2.8kΩ)
0
05
24
13
100
RL=
RL=0.6
RL=1.2
Input voltage VIN (V)
Tj =25˚C
VO=3V
(R1=2k
Ω,
R2=2.8k
Ω)
0
0.1
10
1
100
20
40
60
100
80
Input ripple frequency f (kHz)
VIN=5V
VO=3V(R1=2k
Ω,R2=2.8kΩ)
Io=0.5A, ei(rms)=0.5V,
Tj =25˚C


Similar Part No. - PQ7DV5_01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
   Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
More results

Similar Description - PQ7DV5_01

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ7DV5 SHARP-PQ7DV5 Datasheet
34Kb / 4P
   Variable Output Type, High Output Current (5A) Type Low Power-loss Voltage Regulators
PQ3DF53 SHARP-PQ3DF53 Datasheet
31Kb / 4P
   3.3V Output, High Output Current (5A) Type Low Power-loss Voltage Regulator
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20VZ51 SHARP-PQ20VZ51_01 Datasheet
64Kb / 7P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23 Datasheet
49Kb / 6P
   3.3V Output, High Output Current (2A, 3.5A) Type Low Power-loss Voltage Regulators
PQ3RF23 SHARP-PQ3RF23_01 Datasheet
68Kb / 7P
   3.3V Output, High Output Current(2A, 3.5A)Type Low Power-loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com