Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32340C Datasheet(PDF) 5 Page - EPCOS

Part # B32340C
Description  Power Capacitors Power Factor Correction
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32340C Datasheet(HTML) 5 Page - EPCOS

  B32340C Datasheet HTML 1Page - EPCOS B32340C Datasheet HTML 2Page - EPCOS B32340C Datasheet HTML 3Page - EPCOS B32340C Datasheet HTML 4Page - EPCOS B32340C Datasheet HTML 5Page - EPCOS B32340C Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Power Capacitors
B32340C
Power Factor Correction
Rated voltage: 525 VAC, 50 / 60 Hz
Type
50 Hz
60 Hz
CN
d x h
Weight
Output
kvar
IR
A
Output
kvar
IR
A
µF
mm
kg
Ordering code
MKP525-I-1.4
1.4
2.6
1.7
3.1
15
63.5 x 105
0.30
B32340C5011A720
MKP525-I-2.8
2.8
5.2
3.3
6.2
31
63.5 x 142
0.50
B32340C5031A320
MKP525-I-3.3
3.3
6.3
4.0
7.6
38
63.5 x 142
0.60
B32340C5032A320
MKP525-I-4.2
4.2
8.0
5.0
9.5
48
63.5 x 142
0.70
B32340C5051A020
FK PM PFC
December 2004
Page 5 of 6


Similar Part No. - B32340C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C EPCOS-B32340C Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
logo
TDK Electronics
B32340C TDK-B32340C Datasheet
205Kb / 10P
   Film Capacitors ??Power Factor Correction
logo
EPCOS
B32340C2001A820 EPCOS-B32340C2001A820 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C2002A830 EPCOS-B32340C2002A830 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
B32340C2011A720 EPCOS-B32340C2011A720 Datasheet
301Kb / 12P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32340C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32343C4011A540 EPCOS-B32343C4011A540 Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
B25673A4201A000 EPCOS-B25673A4201A000 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction
B25671A4237A365 EPCOS-B25671A4237A365_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A5012A020 EPCOS-B25671A5012A020 Datasheet
139Kb / 8P
   Film Capacitors - Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175_08 Datasheet
344Kb / 8P
   Film capacitors - Power Factor Correction
B25671A3207A375 EPCOS-B25671A3207A375 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4002A500 EPCOS-B25671A4002A500 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4012A040 EPCOS-B25671A4012A040 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4032A000 EPCOS-B25671A4032A000 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4127A375 EPCOS-B25671A4127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com