Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32343C4021A540 Datasheet(PDF) 6 Page - EPCOS

Part # B32343C4021A540
Description  Power Capacitors Power Factor Correction
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C4021A540 Datasheet(HTML) 6 Page - EPCOS

  B32343C4021A540 Datasheet HTML 1Page - EPCOS B32343C4021A540 Datasheet HTML 2Page - EPCOS B32343C4021A540 Datasheet HTML 3Page - EPCOS B32343C4021A540 Datasheet HTML 4Page - EPCOS B32343C4021A540 Datasheet HTML 5Page - EPCOS B32343C4021A540 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Power Capacitors
B32343C
Power Factor Correction
Cautions
Discharge and short circuit capacitor before handling!
Mechanical damage
In case of dents of more than 0.5 mm or any other mechanical damage, capacitors must not be used at all.
Vibration resistance
The resistance to vibration of capacitors corresponds to IEC 68, part 2–6. Max. test conditions:
Test duration 2 h
corresponding to max. 0.7 g
Frequency range 10 ... 55 Hz
corresponding to max. 0.7 g
Displacement amplitude 0.75 mm
corresponding to max. 0.7 g
These figures apply to the capacitor alone. Because the fixing and the terminals may influence the vibration
properties, it is necessary to check stability when a capacitor is built in and exposed to vibration.
Irrespective of this, you are advised not to locate capacitors where vibration amplitude reaches the
maximum in strongly vibrating equipment.
Connection
Make sure connection cables are of flexible type or flexible copper bands are used. This is mandatory to
allow the overpressure disconnector work and avoid mechanical stress on the terminals and feed throughs.
The connection cables to the capacitor should be designed for a current of at least 1.5 times the rated
current so that no heat is conducted into the capacitor. If reactors are used in an application, the distance
between reactor and capacitor must be great enough so that no heat of the reactors, which are operating at
a much higher temperature level, is conducted via connection cable to the capacitors.
Avoid bending cable lugs, cables or other mechanical force on the terminals. Otherwise leakages may set
the safety device out of operation. Ensure firm fixing of terminals, fixing torque to be applied as per
individual specification. Maximum specified terminal current (please refer to technical data of specific
series) must not be exceeded at any case.
Grounding
The threaded bottom stud of the capacitor has to be used for grounding. In case grounding is done via
metal chassis that the capacitor is mounted to, the layer of varnish beneath the washer and nut should be
removed.
Storage and operating conditions
Do not use or store capacitors in corrosive atmosphere, especially where chloride gas, sulfide gas, acid,
alkali, salt or the like are present. In dusty environments regular maintenance and cleaning especially of the
terminals is required to avoid conductive path between phases and/or phases and ground.
U Please read information about PFC capacitors and cautions as well as installation and maintenance
instructions (Power Factor Correction Product Profile, actual version) to ensure optimum performance
and prevent products from failing, and in worst case, bursting and fire, etc.
Information given in the PFC-product profile and values given in the data sheet reflect typical
specifications. You are kindly requested to approve our product specifications or request our approval
for your specification before ordering.
 EPCOS AG 2004. Reproduction, publication and dissemination of this data sheet, enclosures hereto and the information
contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of the Electrical and
Electronics Industry recommended by the ZVEI (German Electrical and Electronic Manufacturers' Association), unless
otherwise agreed.
FK PM PFC
December 2004
Page 6 of 6


Similar Part No. - B32343C4021A540

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32343C4021A540 EPCOS-B32343C4021A540 Datasheet
162Kb / 12P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32343C4021A540

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32340C EPCOS-B32340C Datasheet
137Kb / 6P
   Power Capacitors Power Factor Correction
B25673A4201A000 EPCOS-B25673A4201A000 Datasheet
375Kb / 8P
   Film capacitors - Power Factor Correction
B25671A4237A365 EPCOS-B25671A4237A365_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A5012A020 EPCOS-B25671A5012A020 Datasheet
139Kb / 8P
   Film Capacitors - Power Factor Correction
B25667B5217A175 EPCOS-B25667B5217A175_08 Datasheet
344Kb / 8P
   Film capacitors - Power Factor Correction
B25671A3207A375 EPCOS-B25671A3207A375 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4002A500 EPCOS-B25671A4002A500 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4012A040 EPCOS-B25671A4012A040 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4032A000 EPCOS-B25671A4032A000 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction
B25671A4127A375 EPCOS-B25671A4127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com