Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32344C2022A530 Datasheet(PDF) 5 Page - EPCOS

Part # B32344C2022A530
Description  Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32344C2022A530 Datasheet(HTML) 5 Page - EPCOS

  B32344C2022A530 Datasheet HTML 1Page - EPCOS B32344C2022A530 Datasheet HTML 2Page - EPCOS B32344C2022A530 Datasheet HTML 3Page - EPCOS B32344C2022A530 Datasheet HTML 4Page - EPCOS B32344C2022A530 Datasheet HTML 5Page - EPCOS B32344C2022A530 Datasheet HTML 6Page - EPCOS B32344C2022A530 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Capacitors for Power Factor Correction
B32343 / B32344
PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
Rated voltage 480 V
Type
Output
kvar
at 50 Hz
Output
kvar
at 60 Hz
Capacitance
µF
3 x
d x h
mm
Weight
kg
Ordering code
MKP-D-480-1.0
1.0
1.20
4.5 53 x 114
0.4 B32343C4012A080
MKP-D-480-1.5
1.5
1.80
7.0 63.5 x 129
0.4 B32343C4012A580
MKP-D-480-2.0
2.0
2.40
9.0 63.5 x 129
0.4 B32343C4022A080
MKP-D-480-2.5
2.5
3.00
11.5 63.5 x 129
0.4 B32343C4022A580
MKP-D-480-5.0
5.0
6.00
23.0 79.5 x 195
0.8 B32344C4052A080
MKP-D-480-6.3
6.3
7.50
29.0 89.5 x 270
0.8 B32344C4071A580
MKP-D-480-7.5
7.5
8.90
34.5 89.5 x 270
0.8 B32344C4072A580
MKP-D-480-8.3
8.3
10.00
28.5 89.5 x 270
0.8 B32344C4101A080
MKP-D-480-10.4
10.4
12.50
48.0 89.5 x 345
2.1 B32344C4121A580
MKP-D-480-12.5
12.5
15.00
57.5 89.5 x 345
2.1 B32344C4151A080
MKP-D-480-15.0
15.0
18.00
69.0 89.5 x 345
1.7 B32344C4152A080
MKP-D-480-16.7
16.7
20.00
77.0 89.5 x 345
1.8 B32344C4162A780
MKP-D-480-20.8
20.8
25.00
96.0 89.5 x 345
2.0 B32344C4202A080
FK PM PFC
24. Feb. 2003
Page 5 of 7


Similar Part No. - B32344C2022A530

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32344D EPCOS-B32344D Datasheet
387Kb / 16P
   Film capacitors - Power Factor Correction
B32344D EPCOS-B32344D Datasheet
187Kb / 16P
   Film capacitors - Power Factor Correction
B32344D2021A020 EPCOS-B32344D2021A020 Datasheet
387Kb / 16P
   Film capacitors - Power Factor Correction
B32344D2021A020 EPCOS-B32344D2021A020 Datasheet
187Kb / 16P
   Film capacitors - Power Factor Correction
B32344D2021A520 EPCOS-B32344D2021A520 Datasheet
387Kb / 16P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32344C2022A530

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5127A375 EPCOS-B25671A5127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5197A375 EPCOS-B25671A5197A375_09 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5177A375 EPCOS-B25671A5177A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5042A020 EPCOS-B25671A5042A020_09 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5052A020 EPCOS-B25671A5052A020 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5347A375 EPCOS-B25671A5347A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3207A375 TDK-B25671A3207A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction PoleCap capacitor
logo
EPCOS
B25671A5247A375 EPCOS-B25671A5247A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3247A375 TDK-B25671A3247A375 Datasheet
129Kb / 8P
   Film Capacitors . Power Factor Correction PoleCap capacitor
logo
EPCOS
B44066M6000E230 EPCOS-B44066M6000E230 Datasheet
441Kb / 5P
   Film capacitors - Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com