Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32343C4022A000 Datasheet(PDF) 7 Page - EPCOS

Part # B32343C4022A000
Description  Capacitors for Power Factor Correction PhiCap Metallized Polypropylene Film Capacitor 3-Phase
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32343C4022A000 Datasheet(HTML) 7 Page - EPCOS

  B32343C4022A000 Datasheet HTML 1Page - EPCOS B32343C4022A000 Datasheet HTML 2Page - EPCOS B32343C4022A000 Datasheet HTML 3Page - EPCOS B32343C4022A000 Datasheet HTML 4Page - EPCOS B32343C4022A000 Datasheet HTML 5Page - EPCOS B32343C4022A000 Datasheet HTML 6Page - EPCOS B32343C4022A000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Capacitors for Power Factor Correction
B32343 / B32344
PhiCap; Metallized Polypropylene Film Capacitor; 3-Phase
Preliminary data
Drawings
B32343
B32344
SIGUT terminal
KLK1714-X-E
M12
Marking
Torque T = 10 Nm
16.8±0.5
Tightening torque = 1.2 Nm
1
d
 EPCOS AG 2003. Reproduction, publication and dissemination of this data sheet, enclosures
hereto and the information contained therein without EPCOS' prior express consent is prohibited.
Purchase orders are subject to the General Conditions for the Supply of Products and Services of
the Electrical and Electronics Industry recommended by the ZVEI (German Electrical and Electronic
Manufacturers' Association), unless otherwise agreed.
FK PM PFC
24. Feb. 2003
Page 7 of 7


Similar Part No. - B32343C4022A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32343C4022A000 EPCOS-B32343C4022A000 Datasheet
135Kb / 6P
   Power Capacitors Power Factor Correction
B32343C4022A000 EPCOS-B32343C4022A000 Datasheet
162Kb / 12P
   Film capacitors - Power Factor Correction
More results

Similar Description - B32343C4022A000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B25671A5127A375 EPCOS-B25671A5127A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5197A375 EPCOS-B25671A5197A375_09 Datasheet
119Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5177A375 EPCOS-B25671A5177A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5042A020 EPCOS-B25671A5042A020_09 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5052A020 EPCOS-B25671A5052A020 Datasheet
140Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
B25671A5347A375 EPCOS-B25671A5347A375_09 Datasheet
117Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3207A375 TDK-B25671A3207A375 Datasheet
128Kb / 8P
   Film Capacitors ??Power Factor Correction PoleCap capacitor
logo
EPCOS
B25671A5247A375 EPCOS-B25671A5247A375_09 Datasheet
118Kb / 8P
   Film Capacitors - Power Factor Correction PoleCap capacitor
logo
TDK Electronics
B25671A3247A375 TDK-B25671A3247A375 Datasheet
129Kb / 8P
   Film Capacitors . Power Factor Correction PoleCap capacitor
logo
EPCOS
B44066M6000E230 EPCOS-B44066M6000E230 Datasheet
441Kb / 5P
   Film capacitors - Capacitors for Power Factor Correction
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com