Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7212H Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SAA7212H
Description  Integrated MPEG AVG decoder
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7212H Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SAA7212H Datasheet HTML 7Page - NXP Semiconductors SAA7212H Datasheet HTML 8Page - NXP Semiconductors SAA7212H Datasheet HTML 9Page - NXP Semiconductors SAA7212H Datasheet HTML 10Page - NXP Semiconductors SAA7212H Datasheet HTML 11Page - NXP Semiconductors SAA7212H Datasheet HTML 12Page - NXP Semiconductors SAA7212H Datasheet HTML 13Page - NXP Semiconductors SAA7212H Datasheet HTML 14Page - NXP Semiconductors SAA7212H Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
1998 Sep 07
11
Philips Semiconductors
Preliminary specification
Integrated MPEG AVG decoder
SAA7212
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
THERMAL CHARACTERISTICS
HANDLING
Inputs and outputs are protected against electrostatic discharges in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling integrated circuits.
CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage
−0.5
+5
tbf
V
Vn(max)
voltage on all pins
0
5
tbf
V
Ptot
total power dissipation
Tamb =25 °C
1
tbf
W
Tstg
IC storage temperature
−55
150
tbf
°C
Tamb
operating ambient temperature
0
70
tbf
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth(j-a)
thermal resistance from junction to ambient in free air
30
K/W
SYMBOL
PARAMETER
MIN.
TYP.
MAX.
UNIT
Supply
VDD
functional supply voltage
3.0
3.3
3.6
V
IDD(tot)
total supply current; VDD = 3.3 V
tbf
mA
Inputs
VIH(5V tolerant)
input voltage HIGH
2.0
6.5
V
VIH
input voltage HIGH
0.7VDD
VDD+2.0
V
VIL(5V tolerant)
input voltage LOW
−0.5
0.8
V
VIL
input voltage LOW
−0.5
0.3VDD
V
IL
leakage current
−−
20
µA
Ci
input capacitance
0
10
pF
Outputs
VOH(5V tolerant)
output voltage HIGH
2.4
−−
V
VOH
output voltage HIGH
VDD − 0.4
−−
V
VOL(5V tolerant)
output voltage LOW
−−
0.4
V
VOL
output voltage LOW
−−
0.4
V
DC timing
Tcy
cycle time
37.037
ns
δ
duty factor
40
60
%


Similar Part No. - SAA7212H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7210 PHILIPS-SAA7210 Datasheet
331Kb / 22P
   Decoder for compact disc digital audio system
September 1985
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
SAA7215 PHILIPS-SAA7215 Datasheet
101Kb / 28P
   Integrated MPEG AVGD decoders
2000 Jan 31
SAA7215HS PHILIPS-SAA7215HS Datasheet
101Kb / 28P
   Integrated MPEG AVGD decoders
2000 Jan 31
SAA7215HS/C2 PHILIPS-SAA7215HS/C2 Datasheet
80Kb / 20P
   STB5860 Set-Top Box STB concept
1999 Aug 25
More results

Similar Description - SAA7212H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
logo
Fujitsu Component Limit...
MB86H21 FUJITSU-MB86H21 Datasheet
191Kb / 3P
   MPEG-2 Decoder with Integrated NDS ICAM
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
   MPEG Video Decoder
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Sanyo Semicon Device
LC74201JE SANYO-LC74201JE Datasheet
301Kb / 21P
   Single Chip MPEG Decoder
logo
Fujitsu Component Limit...
MB86H23 FUJITSU-MB86H23 Datasheet
188Kb / 2P
   MPEG-2 Decoder with Macrovision
logo
LSI Computer Systems
L64111 LSI-L64111 Datasheet
3Mb / 76P
   MPEG AUDIO DECODER TECHNICAL MANUAL
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
   MPEG-2 VIDEO Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com