Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B380C800 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # B380C800
Description  0.8A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B380C800 Datasheet(HTML) 4 Page - Won-Top Electronics

  B380C800 Datasheet HTML 1Page - Won-Top Electronics B380C800 Datasheet HTML 2Page - Won-Top Electronics B380C800 Datasheet HTML 3Page - Won-Top Electronics B380C800 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
B40C800 – B500C800
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
B40C800
Round Bridge
1000 Units/Box
B80C800
Round Bridge
1000 Units/Box
B125C800
Round Bridge
1000 Units/Box
B250C800
Round Bridge
1000 Units/Box
B380C800
Round Bridge
1000 Units/Box
B500C800
Round Bridge
1000 Units/Box
1.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
2.
To order Lead Free version (with Lead Free finish), add “-LF” suffix to part
number above. For example, B40C800-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com


Similar Part No. - B380C800

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B380C800 WTE-B380C800 Datasheet
45Kb / 3P
   0.8A BRIDGE RECTIFIER
logo
General Semiconductor
B380C800DM GE-B380C800DM Datasheet
84Kb / 2P
   MINIATURE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
B380C800DM VISHAY-B380C800DM Datasheet
87Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
09-Oct-06
B380C800DM VISHAY-B380C800DM Datasheet
97Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 29-May-08
B380C800DM VISHAY-B380C800DM Datasheet
80Kb / 4P
   Glass Passivated Ultrafast Bridge Rectifier
Revision: 19-Aug-11
More results

Similar Description - B380C800

ManufacturerPart #DatasheetDescription
logo
Olitech Electronics Co....
B40C800 OLITECH-B40C800 Datasheet
532Kb / 2P
   0.8A SINGLE-PHASE BRIDGE RECTIFIER
logo
Sanyo Semicon Device
DBB08 SANYO-DBB08 Datasheet
51Kb / 2P
   0.8A Single-Phase Bridge Rectifier
logo
SMC Diode Solutions Co....
MB05S SMCDIODE-MB05S Datasheet
345Kb / 5P
   Single-Phase 0.8A Surface Mount Glass Passivated Bridge Rectifier
Rev. C
logo
ON Semiconductor
DBB08 ONSEMI-DBB08 Datasheet
211Kb / 3P
   0.8A Single-Phase Bridge Rectifi er
September, 2013
logo
Won-Top Electronics
B40C800 WTE-B40C800 Datasheet
45Kb / 3P
   0.8A BRIDGE RECTIFIER
logo
Gulf Semiconductor
MD12 GULFSEMI-MD12 Datasheet
196Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE: 1200V CURRENT:0.8A
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Formosa MS
MB2M FORMOSA-MB2M Datasheet
158Kb / 6P
   0.8A Glass Passivated Single-Phase Bridge Rectifiers-200-1000V
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com