Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41856 Datasheet(PDF) 7 Page - EPCOS

Part # B41856
Description  Single-Ended Capacitors Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41856 Datasheet(HTML) 7 Page - EPCOS

  B41856 Datasheet HTML 1Page - EPCOS B41856 Datasheet HTML 2Page - EPCOS B41856 Datasheet HTML 3Page - EPCOS B41856 Datasheet HTML 4Page - EPCOS B41856 Datasheet HTML 5Page - EPCOS B41856 Datasheet HTML 6Page - EPCOS B41856 Datasheet HTML 7Page - EPCOS B41856 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
421 10/02
B41856
Low Impedance – 105 °C
Useful life
depending on ambient temperature
TA under ripple current operating conditions1)
UR = 6,3 … 50 VDC
Frequency factor of permissible
ripple current
I~
versus frequency
f
Impedance Z
versus frequency
f
Typical behavior at 20 °C
1,0
110
40
0
0,5
50
60
90
70
80
100
˚C
T
A
Ι
R
~
Ι~
1,5
2,0
2,5
3,0
KAL0764-Y
B41856
1) Refer to page 40 for an explanation on how to interpret the useful life graphs.
35 V, 50 V, 63 V, 100 V
6,3 V, 10 V, 16 V, 25 V
10
0
0,2
0,4
0,6
2
3
10
Ι~
1,0
0,8
1,2
100 kHz
1,4
Ι~
2,0
f
B41856
10
10 4
Hz
f
5
KAL0765-7
10
10 2
1
10
10 5
10 4
10 3
2
_
10
_1
f
10 6
Hz
KAL0766-F
Z
10
220 µF/35 V
0
1000 µF/16 V
10 1
10
Ω B41856
2


Similar Part No. - B41856

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
   Aluminum electrolytic capacitors Single-ended capacitors
B41856C4108M TDK-B41856C4108M Datasheet
513Kb / 26P
   Aluminum electrolytic capacitors
B41856C4108M000 TDK-B41856C4108M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C4108M001 TDK-B41856C4108M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C4108M002 TDK-B41856C4108M002 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41856

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
   Single-Ended Capacitors Very Low Impedance
B41886 EPCOS-B41886 Datasheet
87Kb / 6P
   Single-Ended Capacitors Lowest Impedance
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
   Single-Ended GP Capacitors Low Profile
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
   Single-Ended Capacitors Low Leakage Current
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com