Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ20VZ1U Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ20VZ1U
Description  Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ20VZ1U Datasheet(HTML) 2 Page - Sharp Corporation

  PQ20VZ1U Datasheet HTML 1Page - Sharp Corporation PQ20VZ1U Datasheet HTML 2Page - Sharp Corporation PQ20VZ1U Datasheet HTML 3Page - Sharp Corporation PQ20VZ1U Datasheet HTML 4Page - Sharp Corporation PQ20VZ1U Datasheet HTML 5Page - Sharp Corporation PQ20VZ1U Datasheet HTML 6Page - Sharp Corporation PQ20VZ1U Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ20VZ51/PQ20VZ11
Fig.1
Test Circuit
Fig.2
Test Circuit of Ripple Rejection
Parameter
Symbol
Conditions
Vi
VO
RegL
RegI
RR
Vref
TCVref
Vi-O
Iq
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iqs
Input voltage
Output voltage
Load regulation
Line regulation
Ripple rejection
Reference voltage
Temperature coefficient of reference voltage
Dropout voltage
Quiescent current
ON-state voltage for control
ON-state current for control
OFF-state voltage for control
OFF-state current for control
Output OFF-state consumption current
Unit
MAX.
TYP.
MIN.
4.5
1.5
45
1.225
2.0
VO=1.5V
R2=225
Ω to 14.6kΩ
❇5
VIN=11 to 21V, IO=5mA
Refer to Fig. 2
❇4
Tj=0 to 125˚C, Io=5mA
❇4,❇6
IO=0
IO=0
VC=0.4V
0.2
0.2
60
1.25
±1.0
0.2
4
20
2.0
2.5
1.275
0.5
7
200
0.8
2.0
5.0
s Electrical Characteristics
❇4 PQ20VZ51:Io=0.3A, PQ20VZ11:Io=0.5A
❇5 PQ20VZ51:Io=5mA to 0.5A, PQ20VZ11:Io=5mA to 1.0A
❇6 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
❇7 In case of opening control terminal ➁, output voltage turns off.
Unless otherwise specified, VIN=12V, Vo=10V,❇4, R1=1k
Ω, Vc=2.7V(Ta=25˚C)
V
V
%
%
dB
V
%
V
mA
V
µA
V
µA
µA
V
A
A
V
V
A
VIN
VC
Iq
IC
1k
IO
VO
VC
RL
47
µF
0.33
µF
47
µF
+
R2
R1
VIN
ei
eo
1k
IO
RL
0.33
µF
47
µF
+
R2
R1
+
VO=Vref
× 1+ –––––
R2
R1
[R1=1k
Ω,Vref Nearly=1.25V]
f=120Hz(sine wave)
ei(rms)=0.5V
IO=0.3A
RR=20 log(ei(rms)/eo(rms))
1
2
3
4
5
1
2
3
4
5


Similar Part No. - PQ20VZ1U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ11 SHARP-PQ20VZ11 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ20VZ1U

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ20VZ51 SHARP-PQ20VZ51 Datasheet
46Kb / 6P
   Variable Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ51J00H SHARP-PQ20WZ51J00H Datasheet
174Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ20WZ1UJ00H SHARP-PQ20WZ1UJ00H Datasheet
169Kb / 6P
   Variable Output,Surface Mount Type Low Power-Loss Voltage Regulators
PQ7VZ5 SHARP-PQ7VZ5 Datasheet
43Kb / 5P
   Variable Output, Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ5TS1 SHARP-PQ5TS1 Datasheet
21Kb / 2P
   0.15A Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ2TZ55 SHARP-PQ2TZ55 Datasheet
37Kb / 4P
   2.5V Output, Surface Mount Type Low Power-Loss Voltage Regulators
PQ05VY3H3Z SHARP-PQ05VY3H3Z_01 Datasheet
68Kb / 7P
   Surface Mount, Large Output Current Type Low Power-Loss Voltage Regulators
PQ3TZ50 SHARP-PQ3TZ50 Datasheet
39Kb / 5P
   3.0V/3.3V Output Surface Mount Type Low Power-Loss Voltage Regulators
PQ7DV5 SHARP-PQ7DV5_01 Datasheet
57Kb / 5P
   Variable Output Type, High Output Current(5A)Type Low Power-loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com