Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41857A3107M00 Datasheet(PDF) 5 Page - EPCOS

Part # B41857A3107M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41857A3107M00 Datasheet(HTML) 5 Page - EPCOS

  B41857A3107M00 Datasheet HTML 1Page - EPCOS B41857A3107M00 Datasheet HTML 2Page - EPCOS B41857A3107M00 Datasheet HTML 3Page - EPCOS B41857A3107M00 Datasheet HTML 4Page - EPCOS B41857A3107M00 Datasheet HTML 5Page - EPCOS B41857A3107M00 Datasheet HTML 6Page - EPCOS B41857A3107M00 Datasheet HTML 7Page - EPCOS B41857A3107M00 Datasheet HTML 8Page - EPCOS B41857A3107M00 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
449 10/02
High Reliability – 105 °C
B41857 / B43857
Technical data and ordering codes
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
105
°C
mA
Ordering code1)
B41857
10
100
5
× 11
20
0,20
3,3
98
B41857A3107M00*
220
6,3
× 11
32
0,20
1,5
167
B41857A3227M00*
330
8
× 11
43
0,20
1,0
237
B41857A3337M00*
470
10
× 12,5
57
0,20
0,71
333
B41857A3477M00*
1 000
10
× 16
110
0,20
0,33
532
B41857A3108M00*
2 200
12,5
× 25
230
0,22
0,17
1077
B41857A3228M00*2)
3 300
16
× 20
340
0,24
0,12
1375
B41857A3338M00*2)
4 700
16
× 25
480
0,26
0,09
1782
B41857A3478M00*2)
16
100
6,3
× 11
26
0,17
2,8
119
B41857A4107M00*
220
8
× 11
45
0,17
1,3
204
B41857A4227M00*
330
10
× 12,5
63
0,17
0,85
294
B41857A4337M00*
470
10
× 16
85
0,17
0,60
385
B41857A4477M00*
1 000
10
× 20
170
0,17
0,28
612
B41857A4108M00*
2 200
16
× 20
362
0,19
0,14
1184
B41857A4228M00*
3 300
16
× 25
538
0,21
0,11
1574
B41857A4338M00*2)
4 700
16
× 31,5
762
0,23
0,08
2055
B41857A4478M00*2)
25
47
5
× 11
22
0,15
5,3
75
B41857A5476M00*
100
6,3
× 11
35
0,15
2,5
126
B41857A5107M00*
220
10
× 12,5
65
0,15
1,1
255
B41857A5227M00*
330
10
× 12,5
93
0,15
0,75
312
B41857A5337M00*
470
10
× 20
128
0,15
0,53
445
B41857A5477M00*
1 000
12,5
× 25
260
0,15
0,25
812
B41857A5108M00*
2 200
16
× 25
560
0,17
0,13
1363
B41857A5228M00*
3 300
16
× 31,5
835
0,19
0,10
1814
B41857A5338M00*
4 700
18
× 35
1185
0,21
0,07
2440
B41857A5478M00*
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.
2) Type available upon request


Similar Part No. - B41857A3107M00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
More results

Similar Description - B41857A3107M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com