Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7219HS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7219HS
Description  MPEG2 Transport RISC processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7219HS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7219HS Datasheet HTML 5Page - NXP Semiconductors SAA7219HS Datasheet HTML 6Page - NXP Semiconductors SAA7219HS Datasheet HTML 7Page - NXP Semiconductors SAA7219HS Datasheet HTML 8Page - NXP Semiconductors SAA7219HS Datasheet HTML 9Page - NXP Semiconductors SAA7219HS Datasheet HTML 10Page - NXP Semiconductors SAA7219HS Datasheet HTML 11Page - NXP Semiconductors SAA7219HS Datasheet HTML 12Page - NXP Semiconductors SAA7219HS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
I2C-bus 1 interface (2 pins)
SCL1
147
I/O
bidirectional with open-drain
8 mA output drive
5V
I2C-bus 1 clock line
SDA1
148
I/O
bidirectional with open-drain
8 mA output drive
5V
I2C-bus 1 data line
Smart card 0 interface (5 pins)
CLK_CARD0
128
O
2 mA output drive
3.3 V
ISO UART 0 card clock
CMDVCCN0
129
O
2 mA output drive
3.3 V
ISO UART 0 Command of the VCC
RSTIN0
132
O
2 mA output drive
3.3 V
ISO UART 0 Reset of the card
OFFN0
133
I
TTL input
5 V
ISO UART 0 Card presence
SC_I/O0
134
I/O
bidirectional with open-drain
8 mA output drive
5 V
ISO UART 0 I/O line
Smart card 1 interface (5 pins)
CLK_CARD1
122
O
2 mA output drive
3.3 V
ISO UART 1 card clock
CMDVCCN1
123
O
2 mA output drive
3.3 V
ISO UART 1 Command of the VCC
RSTIN1
124
O
2 mA output drive
3.3 V
ISO UART 1 Reset of the card
OFFN1
125
I
TTL input
5 V
ISO UART 1 Card presence
SC_I/O1
126
I/O
bidirectional with open-drain
8 mA output drive
5 V
ISO UART 1 I/O line
Input Stream interface (11 pins)
PKTSTROBE
154
I
TTL input
5 V
byte strobe or bit strobe
PKTSYNC
155
I
TTL input
5 V
packet synchronization
PKTVALID
156
I
TTL input
5 V
data valid, or bit stream word select
PKTDATA7 to PKTDATA0 157 to 164
I
TTL input
5 V
8-bit primary TS data input
GP/HS interface (11 pins)
GPDATA7 to GPDATA0
166 to 169,
171 to 174
I/O
bidirectional, 3 mA output drive 5 V
GP/HS data bus
GPVALID
175
I/O
bidirectional, 3 mA output drive 5 V
GP/HS control lines
GPSYNC
176
I/O
bidirectional, 3 mA output drive 5 V
GP/HS control lines
GPSTROBE
177
I/O
bidirectional, 3 mA output drive 5 V
GP/HS control lines
SYMBOL
PIN
I/O
BUFFER TYPE
VOLT(1)
DESCRIPTION


Similar Part No. - SAA7219HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7210 PHILIPS-SAA7210 Datasheet
331Kb / 22P
   Decoder for compact disc digital audio system
September 1985
SAA7212 PHILIPS-SAA7212 Datasheet
93Kb / 20P
   Integrated MPEG AVG decoder
1998 Sep 07
SAA7212H PHILIPS-SAA7212H Datasheet
93Kb / 20P
   Integrated MPEG AVG decoder
1998 Sep 07
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
SAA7215 PHILIPS-SAA7215 Datasheet
101Kb / 28P
   Integrated MPEG AVGD decoders
2000 Jan 31
More results

Similar Description - SAA7219HS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7240 PHILIPS-SAA7240 Datasheet
127Kb / 32P
   MPEG-2 Transport RISC processor
2001 Oct 22
SAA7214 PHILIPS-SAA7214 Datasheet
72Kb / 12P
   Transport MPEG2 source decoder
2001 Mar 28
logo
Fujitsu Component Limit...
MB87L2250 FUJITSU-MB87L2250 Datasheet
127Kb / 6P
   MPEG2 Transport, Video and Audio Decoder with integrated 32-Bit RISC CPU
logo
Toshiba Semiconductor
TMPR4927ATB-200 TOSHIBA-TMPR4927ATB-200 Datasheet
196Kb / 37P
   TOSHIBA RISC PROCESSOR
logo
RDC Semiconductor
R2880 RDC-R2880 Datasheet
90Kb / 5P
   FAST ETHERNET RISC PROCESSOR
R2021 RDC-R2021 Datasheet
67Kb / 4P
   FAST ETHERNET RISC PROCESSOR
R2886 RDC-R2886 Datasheet
77Kb / 5P
   FAST ETHERNET RISC PROCESSOR
R1610 RDC-R1610 Datasheet
58Kb / 4P
   FAST ETHERNET RISC PROCESSOR
R1620 RDC-R1620 Datasheet
71Kb / 5P
   FAST ETHERNET RISC PROCESSOR
R1621 RDC-R1621 Datasheet
71Kb / 4P
   FAST ETHERNET RISC PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com