Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B40C5000 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # B40C5000
Description  5.0A SINGLE-PHASE BRIDGE RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

B40C5000 Datasheet(HTML) 1 Page - Won-Top Electronics

  B40C5000 Datasheet HTML 1Page - Won-Top Electronics B40C5000 Datasheet HTML 2Page - Won-Top Electronics B40C5000 Datasheet HTML 3Page - Won-Top Electronics B40C5000 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B40C5000/3300 – B500C5000/3300
1 of 4
© 2006 Won-Top Electronics
Pb
B40C5000/3300 – B500C5000/3300
5.0A SINGLE-PHASE BRIDGE RECTIFIER
Features
!
Diffused Junction
!
Low Forward Voltage Drop
A
!
High Current Capability
!
High Reliability
!
High Surge Current Capability
B
C
!
High Case Dielectric Strength
+
~
~
-
!
Ideal for Printed Circuit Boards
                       
D
Mechanical Data
E
!
Case: RS-5, Molded Plastic
!
Terminals: Plated Leads Solderable per
H J J
MIL-STD-202, Method 208
!
Polarity: As Marked on Body
!
Weight: 9.8 grams (approx.)
G
K
!
Mounting Position: Any
!
Marking: Type Number
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 4
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
B40C
5000/3300
B80C
5000/3300
B125C
5000/3300
B250C
5000/3300
B380C
5000/3300
B500C
5000/3300
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
300
600
900
1000
V
Recommend Input Voltage
VRMS
40
80
125
250
380
500
V
Average Rectified Output Current @TA = 45°C
(Note 1)
IO
5.0
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
250
A
Repetitive Peak Forward Surge Current
IFRM
30
A
Forward Voltage per leg
@IF = 5.0A
VFM
1.0
V
Peak Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IR
10
6.0
µA
mA
Rating for Fusing (t < 8.3ms) (Note 2)
I2t
110
A2s
Typical Thermal Resistance per leg (Note 1)
RJA
2.6
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on 200mm2 metal chassis.
2. Non-repetitive for t > 1ms and < 8.3ms.
WTE
POWER SEMICONDUCTORS
RS-5
Dim
Min
Max
A
39.40
40.10
B
20.20
21.00
C
21.00
21.70
D
25.40
E
0.97 Ø
1.07 Ø
G
6.20
6.70
H
9.80
10.20
J
7.20
7.60
K
4.60
5.00
All Dimensions in mm


Similar Part No. - B40C5000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C5000 WTE-B40C5000 Datasheet
45Kb / 3P
   5.0A BRIDGE RECTIFIER
logo
Dc Components
B40C5000 DCCOM-B40C5000 Datasheet
239Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Diotec Semiconductor
B40C5000 DIOTEC-B40C5000 Datasheet
161Kb / 2P
   Single Phase Bridge Rectifier
logo
Semikron International
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
198Kb / 2P
   Silicon-Bridge Rectifiers
B40C5000-3000 SEMIKRON-B40C5000-3000 Datasheet
202Kb / 2P
   Silicon-Bridge Rectifiers
More results

Similar Description - B40C5000

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
B40C5000 WTE-B40C5000 Datasheet
45Kb / 3P
   5.0A BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com