Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ30RV1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ30RV1
Description  Low Power-Loss Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ30RV1 Datasheet(HTML) 2 Page - Sharp Corporation

  PQ30RV1 Datasheet HTML 1Page - Sharp Corporation PQ30RV1 Datasheet HTML 2Page - Sharp Corporation PQ30RV1 Datasheet HTML 3Page - Sharp Corporation PQ30RV1 Datasheet HTML 4Page - Sharp Corporation PQ30RV1 Datasheet HTML 5Page - Sharp Corporation PQ30RV1 Datasheet HTML 6Page - Sharp Corporation PQ30RV1 Datasheet HTML 7Page - Sharp Corporation PQ30RV1 Datasheet HTML 8Page - Sharp Corporation PQ30RV1 Datasheet HTML 9Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low Power-Loss Voltage Regulators
PQ30RV1/PQ30RV11/PQ30RV2/PQ30RV21
Parameter
Symbol
Rating
Unit
VIN
VADJ
IO
PD1
PD2
Tj
Topr
Tstg
Tsol
35
7
1
2
1.5
15
18
150
–20 to +80
–40 to +150
260(For 10s)
V
V
A
W
W
˚C
˚C
˚C
˚C
Input voltage
Output voltage adjustment voltage
Output current
Power dissipation(No heat sink)
Power dissipation
(With infinite heat sink)
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
❇1
❇1
❇2
❇1 All are open except GND and applicable terminals.
❇2 Overheat protection may operate at Tj>=125˚C.
s Absolute Maximum Ratings
(Ta=25˚C)
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
Parameter
Symbol
Conditions
VIN
VO
RegL
RegI
RR
Vref
TcVref
Vi-O
Iq
Input voltage
Output voltage
Load regulation
Line regulation
Ripple rejection
Reference voltage
Temperature coefficient of reference voltage
Dropout voltage
Quiescent current
Unit
MAX.
TYP.
MIN.
4.5
1.5
45
55
1.20
1.225
R2=94
Ω to 8.5kΩ
R2=84
Ω to 8.7kΩ
IO=5mA to 1A
IO=5mA to 2A
VIN=11 to 28V
Cref=0
Refer to Fig. 2
Cref=3.3
µF
Tj=0 to 125˚C
❇3, IO=0.5A
❇3, IO=2A
IO=0
0.3
0.5
0.5
55
65
1.25
1.25
±1.0
35
30
1.0
1.0
2.5
1.30
1.275
0.5
7
s Electrical Characteristics
❇3 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
Unless otherwise specified, condition shall be
VIN=15V, VO=10V, IO=0.5A, R1=390
Ω(PQ30RV1/PQ30RV11)
VIN=15V, VO=10V, IO=1.0A, R1=390
Ω(PQ30RV2/PQ30RV21)
V
V
%
%
dB
V
%
V
mA
PQ30RV1/PQ30RV2
PQ30RV11/PQ30RV21
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
PQ30RV1/PQ30RV2
PQ30RV11/PQ30RV21
PQ30RV1/PQ30RV11
PQ30RV2/PQ30RV21
(Ta=25˚C)
Fig. 1 Test Circuit
Fig. 2 Test Circuit of Ripple Rejection
V
A
V
V
A
VIN
Iq 390
IO
VO
RL
0.33
µF
47
µF
+
Vref
R2
R1
VIN
ei
eo
390
IO
RL
0.33
µF
47
µF
+
Cref
R2
R1
+
3.3
µF
+
IO=0.5A
f=120Hz(sine wave)
ei(rms)=0.5V
RR=20 log(ei(rms)/eo(rms))
VO=Vref
× 1+ –––––
R2
R1
[R1=390
Ω,Vref Nearly=1.25V]
1
2
3
4
1
2
3
4


Similar Part No. - PQ30RV1

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ30RV1 SHARP-PQ30RV1 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
PQ30RV11 SHARP-PQ30RV11 Datasheet
63Kb / 8P
   Variable Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ30RV1

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN6545 PANASONIC-AN6545 Datasheet
27Kb / 3P
   Low Power Loss Voltage Regulators
logo
Sharp Corporation
PQ15RW11J00H SHARP-PQ15RW11J00H Datasheet
76Kb / 4P
   Low Power-Loss Voltage Regulators
PQ07VZ012Z SHARP-PQ07VZ012Z Datasheet
68Kb / 6P
   Low Power-Loss Voltage Regulators
logo
List of Unclassifed Man...
L1481T-5 ETC-L1481T-5 Datasheet
280Kb / 6P
   Low Power-Loss Voltage Regulators
logo
Sharp Corporation
PQ12RF2V SHARP-PQ12RF2V Datasheet
91Kb / 8P
   Low Power-Loss Voltage Regulators
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com