Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41856A7227M00 Datasheet(PDF) 5 Page - EPCOS

Part # B41856A7227M00
Description  Single-Ended Capacitors Low Impedance
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41856A7227M00 Datasheet(HTML) 5 Page - EPCOS

  B41856A7227M00 Datasheet HTML 1Page - EPCOS B41856A7227M00 Datasheet HTML 2Page - EPCOS B41856A7227M00 Datasheet HTML 3Page - EPCOS B41856A7227M00 Datasheet HTML 4Page - EPCOS B41856A7227M00 Datasheet HTML 5Page - EPCOS B41856A7227M00 Datasheet HTML 6Page - EPCOS B41856A7227M00 Datasheet HTML 7Page - EPCOS B41856A7227M00 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
419 10/02
B41856
Low Impedance – 105 °C
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
I~R
100 kHz
105
°C
mA
Ordering code1)
6,3
1 500
10
× 20
95
0,22
0,24
0,044
1 200
B41856A2158M00*
10
330
8
× 11
99
0,20
1,01
0,340
310
B41856A3337M00*
470
10
× 12,5
141
0,20
0,71
0,340
370
B41856A3477M00*
1 000
10
× 16
300
0,20
0,33
0,170
640
B41856A3108M00*
2 200
12,5
× 25
660
0,22
0,17
0,090
1 000
B41856A3228M00*
3 300
16
× 20
990
0,24
0,12
0,069
1 250
B41856A3338M00*
4 700
16
× 25
1 410
0,26
0,09
0,046
1 400
B41856A3478M00*
16
220
8
× 11
106
0,16
1,21
0,340
328
B41856A4227M00*
470
10
× 16
226
0,16
0,56
0,230
480
B41856A4477M00*
1 000
10
× 20
480
0,16
0,27
0,140
800
B41856A4108M00*
2 200
16
× 20
1 056
0,18
0,14
0,069
1 150
B41856A4228M00*
3 300
16
× 25
1 584
0,20
0,10
0,046
1 400
B41856A4338M00*
4 700
16
× 31,5 2 256
0,22
0,08
0,040
1 750
B41856A4478M00*
25
220
10
× 12,5
165
0,14
1,06
0,340
328
B41856A5227M00*
330
10
× 12,5
248
0,14
0,70
0,230
480
B41856A5337M00*
1 000
12,5
× 25
750
0,14
0,23
0,090
1 000
B41856A5108M00*
2 200
16
× 25
1 650
0,16
0,12
0,046
1 400
B41856A5228M00*
3 300
16
× 31,5 2 475
0,18
0,09
0,040
1 750
B41856A5338M00*
4 700
18
× 35
3 555
0,20
0,07
0,036
2 000
B41856A5478M00*
35
100
8
× 11
105
0,12
1,99
0,340
328
B41856A7107M00*
220
10
× 12,5
231
0,12
0,90
0,230
480
B41856A7227M00*
330
10
× 16
347
0,12
0,60
0,170
640
B41856A7337M00*
470
10
× 20
494
0,12
0,42
0,140
800
B41856A7477M00*
1000
16
× 20
1 050
0,12
0,20
0,069
1 150
B41856A7108M00*
2200
16
× 31,5 2 310
0,14
0,11
0,040
1 750
B41856A7228M00*
3 300
18
× 35
3 465
0,16
0,08
0,036
2 000
B41856A7338M00*
Preferred types
1) * = “0” for bulk version..
For taping versions, other lead configurations and packing information see page 503


Similar Part No. - B41856A7227M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41856 TDK-B41856 Datasheet
507Kb / 26P
   Aluminum electrolytic capacitors Single-ended capacitors
B41856C4108M TDK-B41856C4108M Datasheet
513Kb / 26P
   Aluminum electrolytic capacitors
B41856C4108M000 TDK-B41856C4108M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C4108M001 TDK-B41856C4108M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41856C4108M002 TDK-B41856C4108M002 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41856A7227M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41859 EPCOS-B41859 Datasheet
93Kb / 7P
   Single-Ended Capacitors Very Low Impedance
B41886 EPCOS-B41886 Datasheet
87Kb / 6P
   Single-Ended Capacitors Lowest Impedance
B41820 EPCOS-B41820 Datasheet
93Kb / 6P
   Single-Ended Capacitors Low Profile
B41852 EPCOS-B41852 Datasheet
90Kb / 6P
   Single-Ended GP Capacitors Low Profile
B41825 EPCOS-B41825 Datasheet
98Kb / 7P
   Single-Ended Capacitors Low Leakage Current
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com