Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD5002 Datasheet(PDF) 1 Page - Won-Top Electronics

Part # BD5002
Description  50A BOSCH TYPE PRESS-FIT DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

BD5002 Datasheet(HTML) 1 Page - Won-Top Electronics

  BD5002 Datasheet HTML 1Page - Won-Top Electronics BD5002 Datasheet HTML 2Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BD5000 – BD5006
1 of 2
© 2006 Won-Top Electronics
Pb
BD5000 – BD5006
50A BOSCH TYPE PRESS-FIT DIODE
Features
!
Diffused Junction
!
Low Leakage
!
Low Cost
Anode
+
!
High Surge Current Capability
!
Typical IR less than 5.0µA
                 
     C
Mechanical Data
D
E
!
Case: 13mm Bosch Type Press-Fit
!
Terminals: Contact Areas Readily Solderable
B
!
Polarity: Cathode to Case (Reverse Units Are
Available Upon Request and Are Designated
By A “R” Suffix, i.e. BD5002R or BD5004R)
A
!
Polarity: Red Color Equals Standard,
Black Color Equals Reverse Polarity
!
Mounting Position: Any
!
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 2
Maximum Ratings and Electrical Characteristics @T
A=25°C unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic
Symbol
BD5000 BD5001 BD5002 BD5003 BD5004 BD5005 BD5006
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
500
600
V
RMS Reverse Voltage
VR(RMS)
35
70
140
210
280
350
420
V
Average Rectified Output Current
@TC = 150°C
IO
50
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
500
A
Forward Voltage
@IF = 50A
VFM
1.0
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
500
µA
Typical Junction Capacitance (Note 1)
Cj
400
pF
Typical Thermal Resistance (Note 2)
RJC
1.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +175
°C
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance: Junction to case, single side cooled.
WTE
POWER SEMICONDUCTORS
13mm Bosch
Dim
Min
Max
A
12.80
13.20
B
10.00
C
1.25
1.31
D
33.00
E
9.90
10.10
All Dimensions in mm


Similar Part No. - BD5002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5002 WTE-BD5002 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5002 WTE-BD5002 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
More results

Similar Description - BD5002

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
   50A BOSCH TYPE PRESS-FIT DIODE
BD5020 WTE-BD5020_14 Datasheet
32Kb / 2P
   50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD5020 WTE-BD5020 Datasheet
29Kb / 2P
   50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500 Datasheet
48Kb / 3P
   25A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500 Datasheet
23Kb / 2P
   35A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_14 Datasheet
32Kb / 2P
   25A BOSCH TYPE PRESS-FIT DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com