Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7274 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SAA7274
Description  Audio Digital Input Circuit ADIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7274 Datasheet(HTML) 5 Page - NXP Semiconductors

  SAA7274 Datasheet HTML 1Page - NXP Semiconductors SAA7274 Datasheet HTML 2Page - NXP Semiconductors SAA7274 Datasheet HTML 3Page - NXP Semiconductors SAA7274 Datasheet HTML 4Page - NXP Semiconductors SAA7274 Datasheet HTML 5Page - NXP Semiconductors SAA7274 Datasheet HTML 6Page - NXP Semiconductors SAA7274 Datasheet HTML 7Page - NXP Semiconductors SAA7274 Datasheet HTML 8Page - NXP Semiconductors SAA7274 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
July 1991
5
Philips Semiconductors
Product specification
Audio Digital Input Circuit (ADIC)
SAA7274
FUNCTIONAL DESCRIPTION
Main function
The biphase input signal must conform to the IEC/EBU standards, IEC tech. com. No. 84, secr. 50, Jan. 1987 format,
as well as satisfying the following conditions:
• number of channels: 2
• transmission code: biphase mark
• synchronization method: biphase violation
• number of data bits: 24, starting with the LSB
• number of control bits: 4
• preamble values:
Table 1
Preamble values
The main function performs the following tasks:
• Provides the output function with the equivalent binary value of the data bits separately for each of the two channels.
These values are available until new information is received.
• Generates an out-of-lock output signal (OLOC) which is HIGH when the frequency of the biphase input signal is equal
to 1/4 of the system clock frequency and when the block preambles are detected in the biphase input signal.
• If the biphase input signal is not present after 32 clock pulses and also whenever the biphase input signal and IOSCL/4
drift away from each other by more than 32 clock pulses, then the output OSCU is forced HIGH and output OSDU,
OPRE, OLOC, OCDB and OSDA are forced LOW.
• Generates a data clock output signal (ODCL) with a frequency of 1/4 of the system clock. When a block preamble is
detected in the biphase input signal ODCL is synchronized to a LOW value.
• Generates a word clock output signal (OWSY) with a frequency of 1/256 of the system clock. When a block preamble
is detected in the biphase input signal OWSY is synchronized to a LOW value.
• Generates a block synchronization output signal (OBSY). This signal is HIGH during 4 system clock periods and has
a frequency of 1/49152 of the system clock. The signal is synchronized with the block preambles of the biphase input
signal.
• Generates a phase output signal (OPHA) and a phase reference signal (OREF). If the frequency of the biphase input
signal (IBIFA) equals 1/4 of the system clock frequency (fIOSCL/4) then the IC generates OPHA and OREF as shown
in Fig.3.
If the frequency of the biphase input signal (IBIFA) is greater or less than 1/4 of the system clock frequency then the
IC generates OPHA and OREF as shown in Fig.4.
preceding cell
0
1
block preamble
11101000
00010111


Similar Part No. - SAA7274

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7205 PHILIPS-SAA7205 Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7205H PHILIPS-SAA7205H Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7206 PHILIPS-SAA7206 Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
More results

Similar Description - SAA7274

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1315H PHILIPS-TDA1315H Datasheet
411Kb / 36P
   Digital audio input/output circuit DAIO
1995 Jul 17
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Shenzhen Titan Micro El...
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
   Digital Control Audio Processing Circuit
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
   D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com