Electronic Components Datasheet Search |
|
T409D105K020AC4250 Datasheet(PDF) 5 Page - Kemet Corporation |
|
T409D105K020AC4250 Datasheet(HTML) 5 Page - Kemet Corporation |
5 / 10 page Capaci- tance μF Case Size KEMET Part Number Mil-C-55365/11A Part Number DC Leakage μμA @ 25ºC Max DF % @ +25ºC 120 Hz Max ESR Ω Ω @ +25°C 100 kHz Max 4 Volt Rating at +85°C (2.7 Volt Rating at +125°C) 3.3 A T419A335(1)004(2)(3)(4) CWR19C(3)335(1)(2)A(5) 1.0 6.0 12.0 4.7 A T419A475(1)004(2)(3)(4) CWR19C(3)475(1)(2)A(5) 1.0 6.0 12.0 6.8 A T419A685(1)004(2)(3)(4) CWR19C(3)685(1)(2)A(5) 1.0 6.0 12.0 10.0 B T419B106(1)004(2)(3)(4) CWR19C(3)106(1)(2)B(5) 1.0 8.0 8.0 15.0 B T419B156(1)004(2)(3)(4) CWR19C(3)156(1)(2)B(5) 1.0 8.0 8.0 22.0 B T419B226(1)004(2)(3)(4) CWR19C(3)226(1)(2)B(5) 1.0 8.0 8.0 22.0 D T419D226(1)004(2)(3)(4) CWR19C(3)226(1)(2)D(5) 1.0 8.0 4.0 33.0 D T419D336(1)004(2)(3)(4) CWR19C(3)336(1)(2)D(5) 2.0 8.0 4.0 33.0 E T419E336(1)004(2)(3)(4) CWR19C(3)336(1)(2)E(5) 2.0 8.0 3.0 47.0 E T419E476(1)004(2)(3)(4) CWR19C(3)476(1)(2)E(5) 2.0 8.0 3.0 68.0 E T419E686(1)004(2)(3)(4) CWR19C(3)686(1)(2)E(5) 3.0 8.0 3.0 100.0 F T419F107(1)004(2)(3)(4) CWR19C(3)107(1)(2)F(5) 4.0 10.0 2.0 150.0 G T419G157(1)004(2)(3)(4) CWR19C(3)157(1)(2)G(5) 6.0 10.0 1.0 220.0 H T419H227(1)004(2)(3)(4) CWR19C(3)227(1)(2)H(5) 8.0 10.0 1.0 330.0 H T419H337(1)004(2)(3)(4) CWR19C(3)337(1)(2)H(5) 10.0 10.0 0.9 6 Volt Rating at +85°C (4 Volt Rating at +125°C) 3.3 A T419A335(1)006(2)(3)(4) CWR19D(3)335(1)(2)A(5) 1.0 6.0 12.0 4.7 A T419A475(1)006(2)(3)(4) CWR19D(3)475(1)(2)A(5) 1.0 6.0 12.0 6.8 B T419B685(1)006(2)(3)(4) CWR19D(3)685(1)(2)B(5) 1.0 6.0 8.0 10.0 B T419B106(1)006(2)(3)(4) CWR19D(3)106(1)(2)B(5) 1.0 6.0 8.0 15.0 B T419B156(1)006(2)(3)(4) CWR19D(3)156(1)(2)B(5) 1.0 8.0 8.0 15.0 D T419D156(1)006(2)(3)(4) CWR19D(3)156(1)(2)D(5) 1.0 8.0 5.0 15.0 E T419E156(1)006(2)(3)(4) CWR19D(3)156(1)(2)E(5) 1.0 8.0 3.0 22.0 D T419D226(1)006(2)(3)(4) CWR19D(3)226(1)(2)D(5) 1.0 6.0 5.0 22.0 E T419E226(1)006(2)(3)(4) CWR19D(3)226(1)(2)E(5) 2.0 8.0 3.5 33.0 E T419E336(1)006(2)(3)(4) CWR19D(3)336(1)(2)E(5) 2.0 6.0 3.5 47.0 F T419F476(1)006(2)(3)(4) CWR19D(3)476(1)(2)F(5) 3.0 8.0 3.5 68.0 F T419F686(1)006(2)(3)(4) CWR19D(3)686(1)(2)F(5) 4.0 10.0 1.5 68.0 G T419G686(1)006(2)(3)(4) CWR19D(3)686(1)(2)G(5) 4.0 10.0 1.0 100.0 G T419G107(1)006(2)(3)(4) CWR19D(3)107(1)(2)G(5) 6.0 10.0 1.1 150.0 G T419G157(1)006(2)(3)(4) CWR19D(3)157(1)(2)G(5) 10.0 10.0 1.1 220.0 H T419H227(1)006(2)(3)(4) CWR19D(3)227(1)(2)H(5) 10.0 10.0 0.9 330.0 H T419H337(1)006(2)(3)(4) CWR19D(3)337(1)(2)H(5) 20.0 10.0 0.9 10 Volt Rating at +85°C (7 Volt Rating at +125°C) 2.2 A T419A225(1)010(2)(3)(4) CWR19F(3)225(1)(2)A(5) 1.0 6.0 12.0 3.3 A T419A335(1)010(2)(3)(4) CWR19F(3)335(1)(2)A(5) 1.0 6.0 12.0 4.7 B T419B475(1)010(2)(3)(4) CWR19F(3)475(1)(2)B(5) 1.0 6.0 8.0 4.7 C T419C475(1)010(2)(3)(4) CWR19F(3)475(1)(2)C(5) 1.0 6.0 5.5 6.8 B T419B685(1)010(2)(3)(4) CWR19F(3)685(1)(2)B(5) 1.0 6.0 8.0 6.8 C T419C685(1)010(2)(3)(4) CWR19F(3)685(1)(2)C(5) 1.0 6.0 5.5 6.8 D T419D685(1)010(2)(3)(4) CWR19F(3)685(1)(2)D(5) 1.0 6.0 5.0 10.0 B T419B106(1)010(2)(3)(4) CWR19F(3)106(1)(2)B(5) 1.0 8.0 8.0 10.0 C T419C106(1)010(2)(3)(4) CWR19F(3)106(1)(2)C(5) 1.0 6.0 5.5 10.0 D T419D106(1)010(2)(3)(4) CWR19F(3)106(1)(2)D(5) 1.0 6.0 4.0 10.0 E T419E106(1)010(2)(3)(4) CWR19F(3)106(1)(2)E(5) 1.0 6.0 3.5 15.0 D T419D156(1)010(2)(3)(4) CWR19F(3)156(1)(2)D(5) 2.0 6.0 5.0 15.0 E T419E156(1)010(2)(3)(4) CWR19F(3)156(1)(2)E(5) 2.0 8.0 3.0 22.0 E T419E226(1)010(2)(3)(4) CWR19F(3)226(1)(2)E(5) 3.0 8.0 2.0 33.0 F T419F336(1)010(2)(3)(4) CWR19F(3)336(1)(2)F(5) 3.0 8.0 1.5 47.0 F T419F476(1)010(2)(3)(4) CWR19F(3)476(1)(2)F(5) 4.0 10.0 1.5 47.0 G T419G476(1)010(2)(3)(4) CWR19F(3)476(1)(2)G(5) 4.0 10.0 1.0 68.0 G T419G686(1)010(2)(3)(4) CWR19F(3)686(1)(2)G(5) 6.0 10.0 1.1 100.0 G T419G107(1)010(2)(3)(4) CWR19F(3)107(1)(2)G(5) 10.0 10.0 1.1 100.0 H T419H107(1)010(2)(3)(4) CWR19F(3)107(1)(2)H(5) 10.0 10.0 0.9 150.0 H T419H157(1)010(2)(3)(4) CWR19F(3)157(1)(2)H(5) 15.0 10.0 0.9 150.0 X T419X157(1)010(2)(3)(4) CWR19F(3)157(1)(2)X(5) 15.0 10.0 0.9 220.0 H T419H227(1)010(2)(3)(4) CWR19F(3)227(1)(2)H(5) 20.0 10.0 0.9 T419 (CWR19) Ratings & Part Number Reference © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com (1) To complete KEMET/CWR part number, insert K = ±10%; M = ±20% and J = ±5% Capacitance tolerance. (2) To complete KEMET/CWR part number, insert A = Non-ER; Weibull: B = 0.1%/1000 Hrs.; C = 0.01%/1000 Hrs or D = 0.001%/1000 Hrs. or Exponential: M = 1.0%/1000 hrs., P = 0.1%/1000 hrs., R = 0.01%/1000 hrs. or S = 0.001%/1000 hrs. Reliability Level. (3) To complete KEMET part number, insert B = Gold plated; C = Hot solder dipped; H = Solder plated or K = Solder Fused Termination Finish. (4) To complete KEMET part number, insert 4250 = +25°C after Weibull; 4251 = -55° + 85°C after Weibull; or 4252 = -55, & +85°C before Weibull Surge Current Option. (5) To complete CWR part number, insert A = +25°C after Weibull; B = -55° + 85°C after Weibull; or C = -55, & +85°C before Weibull Surge Current Option. |
Similar Part No. - T409D105K020AC4250 |
|
Similar Description - T409D105K020AC4250 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |