Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7274P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SAA7274P
Description  Audio Digital Input Circuit ADIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7274P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SAA7274P Datasheet HTML 4Page - NXP Semiconductors SAA7274P Datasheet HTML 5Page - NXP Semiconductors SAA7274P Datasheet HTML 6Page - NXP Semiconductors SAA7274P Datasheet HTML 7Page - NXP Semiconductors SAA7274P Datasheet HTML 8Page - NXP Semiconductors SAA7274P Datasheet HTML 9Page - NXP Semiconductors SAA7274P Datasheet HTML 10Page - NXP Semiconductors SAA7274P Datasheet HTML 11Page - NXP Semiconductors SAA7274P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
July 1991
8
Philips Semiconductors
Product specification
Audio Digital Input Circuit (ADIC)
SAA7274
• Outputs ODCL, OWSY, OBSY and OSDA are enabled via a 3-state mode with a HIGH level on input IDOEN.
• IPHEN input selects dual or single edge detection of the input signal IBIFA in the phase detector. A low level selects
the single-edge detection mode.
• Out-of-lock signal (OLOC). This output is continuously LOW or random HIGH/LOW if the PLL is out-of-lock, or no block
preambles and present in the biphase input signal IBIFA. It is continuously HIGH if the PLL is in lock.
• User data/pre-emphasis output signal (OSDU). After receiving a category code of mode 0 from a non-compact disc
source this signal outputs the pre-emphasis bit of the channel status bits in the biphase input signal. If the category
code of mode 0 is from a compact disc source then the user data bits from the subcode channel including the CRC
check on the 96 preceding Q bits are output.
• User clock/copy bit output signal (OSCU). After receiving a category code of mode 0 from a non-compact disc source
then the copy bit of the channel status bits in the biphase input signal is output. If the category code of mode 0 is from
a compact disc source then 10 clock pulses for the ‘user data’ are output.
• Pre-emphasis level output signal (OPRE), which indicates the value of the pre-emphasis bit of the channel status bits
after receiving the two-channel audio format in the biphase input signal (IBIFA).
• Control data bits output signal (OCDB), which contains the 4 control bits of each word of the biphase input signal.
• The inputs ITEST1 and ITEST2 are used for device tests at the factory only, for normal operation they have to be
connected to VSS.
Clock oscillator
The clock oscillator of the circuit can be formed by connecting a crystal or a ceramic resonator between the oscillator
input and output pins.
The circuit can also be driven by an external signal source applied to the oscillator input. The oscillator output is buffered
and available at pin OSCL. The internal circuitry is driven via an inverter, which is connected to the output OSCL. This
allows all the output signals (especially ODCL, OWSY and OBSY) to change their state after a pulse from OSCL,
independent of the capacitive load of the OSCL pin. All output signals of the circuit are triggered on the positive transition
of the OSCL signal.
Application note
If the capacitive load is higher than specified in AC CHARACTERISTICS, a buffer circuit can be used. A suitable device
is the PC74HC126 (3-state quad buffer/line driver). The input IDOEN to the SAA7274 must be made HIGH and the
original 3-state enable signal must be connected to the OE inputs of the PC74HC126 (pins 1, 4, 10 and 13). Because
the capacitive load of the SAA7274 is very low, the loss of speed is limited.


Similar Part No. - SAA7274P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7201 PHILIPS-SAA7201 Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7201H PHILIPS-SAA7201H Datasheet
292Kb / 36P
   Integrated MPEG2 AVG decoder
1997 Jan 29
SAA7205 PHILIPS-SAA7205 Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7205H PHILIPS-SAA7205H Datasheet
363Kb / 84P
   MPEG-2 systems demultiplexer
1997 Jan 21
SAA7206 PHILIPS-SAA7206 Datasheet
193Kb / 52P
   DVB compliant descrambler
1996 Oct 09
More results

Similar Description - SAA7274P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1315H PHILIPS-TDA1315H Datasheet
411Kb / 36P
   Digital audio input/output circuit DAIO
1995 Jul 17
logo
Shenzhen Titan Micro El...
TM2312 TITAN-TM2312 Datasheet
562Kb / 13P
   Digital audio processing circuit
logo
Texas Instruments
TAS5733L TI1-TAS5733L Datasheet
2Mb / 68P
[Old version datasheet]   Digital Input Audio Power Amplifier
TAS5751M TI1-TAS5751M Datasheet
2Mb / 70P
[Old version datasheet]   Digital Input Audio Power Amplifier
logo
Shenzhen Titan Micro El...
TM2314 TITAN-TM2314 Datasheet
1Mb / 12P
   Digital Control Audio Processing Circuit
TM2313 TITAN-TM2313 Datasheet
706Kb / 14P
   Digital Control Audio Processing Circuit
logo
Texas Instruments
TAS5720L TI1-TAS5720L_16 Datasheet
1Mb / 52P
[Old version datasheet]   Digital Input Mono Class-D Audio Amplifier
TPA3200D1 TI-TPA3200D1_07 Datasheet
976Kb / 27P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
TPA3200D1 TI-TPA3200D1 Datasheet
745Kb / 26P
[Old version datasheet]   20-W MONO DIGITAL INPUT AUDIO AMPLIFIER
logo
YAMAHA CORPORATION
YDA142 YAMAHA-YDA142 Datasheet
1,011Kb / 18P
   D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com