Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41857A6474M00 Datasheet(PDF) 7 Page - EPCOS

Part # B41857A6474M00
Description  Single-Ended Capacitors High Reliability
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41857A6474M00 Datasheet(HTML) 7 Page - EPCOS

Back Button B41857A6474M00 Datasheet HTML 3Page - EPCOS B41857A6474M00 Datasheet HTML 4Page - EPCOS B41857A6474M00 Datasheet HTML 5Page - EPCOS B41857A6474M00 Datasheet HTML 6Page - EPCOS B41857A6474M00 Datasheet HTML 7Page - EPCOS B41857A6474M00 Datasheet HTML 8Page - EPCOS B41857A6474M00 Datasheet HTML 9Page - EPCOS B41857A6474M00 Datasheet HTML 10Page - EPCOS B41857A6474M00 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
451 10/02
High Reliability – 105 °C
B41857 / B43857
63
10
6,3
× 11
16
0,10
17
44
B41857A8106M00*
22
6,3
× 11
24
0,10
7,5
65
B41857A8226M00*
33
8
× 11
31
0,10
5,0
93
B41857A8336M00*
47
8
× 11
40
0,10
3,5
111
B41857A8476M00*
100
10
× 12,5
73
0,10
1,7
191
B41857A8107M00*
220
10
× 20
149
0,10
0,75
338
B41857A8227M00*
330
12,5
× 25
218
0,10
0,50
517
B41857A8337M00*
470
16
× 20
306
0,10
0,35
644
B41857A8477M00*
1 000
18
× 31,5
640
0,10
0,17
1190
B41857A8108M00*
100
0,47
5
× 11
10
0,08
282
9,1
B41857A9474M00*
1,0
5
× 11
11
0,08
133
13
B41857A9105M00*
2,2
5
× 11
12
0,08
60
20
B41857A9225M00*
3,3
5
× 11
13
0,08
40
24
B41857A9335M00*
4,7
5
× 11
15
0,08
28
29
B41857A9475M00*
10
8
× 11
20
0,08
13
56
B41857A9106M00*
22
10
× 12,5
32
0,08
6,0
97
B41857A9226M00*
33
10
× 16
43
0,08
4,0
130
B41857A9336M00*
47
10
× 20
57
0,08
2,8
170
B41857A9476M00*
100
12,5
× 25
110
0,08
1,3
310
B41857A9107M00*
220
16
× 25
230
0,08
0,60
520
B41857A9227M00*
330
16
× 31,5
340
0,08
0,40
692
B41857A9337M00*
470
16
× 31,5
480
0,08
0,28
826
B41857A9477M00*
Technical data and ordering codes
UR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IL
5 min
20
°C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
I~R
120 Hz
105
°C
mA
Ordering code1)
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B41857A6474M00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B4185-E OMRON-B4185-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
EPCOS
B41851 EPCOS-B41851 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M000 EPCOS-B41851A2108M000 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M002 EPCOS-B41851A2108M002 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
B41851A2108M012 EPCOS-B41851A2108M012 Datasheet
631Kb / 36P
   Aluminum electrolytic capacitors
More results

Similar Description - B41857A6474M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41821 EPCOS-B41821 Datasheet
784Kb / 36P
   Single-ended capacitors
B41858 EPCOS-B41858 Datasheet
722Kb / 30P
   Single-ended capacitors
logo
TDK Electronics
B41896 TDK-B41896_15 Datasheet
499Kb / 28P
   Single-ended capacitors
logo
EPCOS
B41889 EPCOS-B41889_08 Datasheet
537Kb / 25P
   Single-ended capacitors
logo
TDK Electronics
B41895 TDK-B41895_15 Datasheet
510Kb / 29P
   Single-ended capacitors
logo
EPCOS
B42822 EPCOS-B42822 Datasheet
105Kb / 9P
   Single-Ended Capacitors
B41853 EPCOS-B41853 Datasheet
643Kb / 24P
   Single-ended capacitors
B41866 EPCOS-B41866 Datasheet
723Kb / 30P
   Single-ended capacitors
B41867 EPCOS-B41867 Datasheet
99Kb / 8P
   Single-Ended Capacitors
B43888 EPCOS-B43888 Datasheet
659Kb / 24P
   Single-ended capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com