Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B41859A6107M00 Datasheet(PDF) 5 Page - EPCOS

Part # B41859A6107M00
Description  Single-Ended Capacitors Very Low Impedance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41859A6107M00 Datasheet(HTML) 5 Page - EPCOS

  B41859A6107M00 Datasheet HTML 1Page - EPCOS B41859A6107M00 Datasheet HTML 2Page - EPCOS B41859A6107M00 Datasheet HTML 3Page - EPCOS B41859A6107M00 Datasheet HTML 4Page - EPCOS B41859A6107M00 Datasheet HTML 5Page - EPCOS B41859A6107M00 Datasheet HTML 6Page - EPCOS B41859A6107M00 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
431 10/02
B41859
Very Low Impedance – 105 °C
16
220
8
× 11
35
0,16
1,21
0,120
530
B41859A4227M00*
330
10
× 16
53
0,16
0,80
0,100
640
B41859A4337M00*
470
10
× 16
75
0,16
0,56
0,084
840
B41859A4477M00*
1 000
10
× 20
160
0,16
0,27
0,050
1 340
B41859A4108M00*
2 200
16
× 20
352
0,18
0,14
0,030
1 800
B41859A4228M00*
3 300
16
× 31,5
528
0,20
0,10
0,024
2 310
B41859A4338M00*
4 700
16
× 35
752
0,22
0,08
0,018
2 790
B41859A4478M00*
25
100
8
× 11
25
0,14
2,32
0,180
340
B41859A5107M00*
220
10
× 16
55
0,14
1,06
0,120
620
B41859A5227M00*
330
10
× 16
83
0,14
0,70
0,084
830
B41859A5337M00*
470
10
× 20
118
0,14
0,49
0,062
1 080
B41859A5477M00*
1 000
12,5
× 25
250
0,14
0,23
0,034
1 690
B41859A5108M00*
2 200
16
× 31,5
550
0,16
0,12
0,024
2 310
B41859A5228M00*
3 300
18
× 35
825
0,18
0,09
0,018
2 790
B41859A5338M00*
4 700
18
× 40
1 175
0,20
0,07
0,015
3 090
B41859A5478M00*
35
100
8
× 11
35
0,12
1,99
0,120
500
B41859A7107M00*
220
10
× 16
77
0,12
0,90
0,084
820
B41859A7227M00*
330
10
× 20
116
0,12
0,60
0,062
1 090
B41859A7337M00*
470
10
× 20
165
0,12
0,42
0,052
1 200
B41859A7477M00*
1 000
12,5
× 25
350
0,12
0,20
0,034
1 940
B41859F7108M00*
2 200
18
× 35
770
0,14
0,11
0,018
2 850
B41859A7228M00*
3 300
18
× 40
1 155
0,16
0,08
0,015
3 150
B41859A7338M00*
50
100
10
× 16
50
0,10
1,66
0,130
640
B41859A6107M00*
220
10
× 20
110
0,10
0,75
0,080
1 050
B41859A6227M00*
330
12,5
× 25
165
0,10
0,50
0,062
1 400
B41859A6337M00*
470
16
× 20
235
0,10
0,35
0,048
1 240
B41859A6477M00*
1 000
18
× 31,5
500
0,10
0,17
0,030
2 310
B41859A6108M00*
Technical data and ordering codes
UR
VDC
CR
120 Hz
20 °C
µF
Case
dimensions
d
× l
mm
IL, max
5 min
20 °C
µA
tan
δ
max
120 Hz
20
°C
ESRmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
I~R
100 kHz
105
°C
mA
Ordering code1)
Preferred types
1) * = “0” for bulk version.
For taping versions, other lead configurations and packing information see page 503.


Similar Part No. - B41859A6107M00

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41859 TDK-B41859 Datasheet
519Kb / 28P
   Aluminum electrolytic capacitors Single-ended capacitors
B41859C4108M TDK-B41859C4108M Datasheet
526Kb / 28P
   Aluminum electrolytic capacitors
B41859C4108M000 TDK-B41859C4108M000 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41859C4108M001 TDK-B41859C4108M001 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
B41859C4108M002 TDK-B41859C4108M002 Datasheet
49Kb / 2P
   Single Ended (Radial) Capacitors
More results

Similar Description - B41859A6107M00

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41856 EPCOS-B41856 Datasheet
97Kb / 8P
   Single-Ended Capacitors Low Impedance
B41886 EPCOS-B41886 Datasheet
87Kb / 6P
   Single-Ended Capacitors Lowest Impedance
logo
Vishay Siliconix
136RVI VISHAY-136RVI_12 Datasheet
148Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 20-Jul-12
136RVI VISHAY-136RVI_07 Datasheet
152Kb / 11P
   Aluminum Capacitors Radial Very Low Impedance
Revision: 21-Dec-07
136RVI VISHAY-136RVI Datasheet
77Kb / 17P
   Aluminum electrolytic capacitors Radial, Very Low Impedance
2000 Jan 18
logo
EPCOS
B41888 EPCOS-B41888 Datasheet
717Kb / 27P
   Long-life grade capacitors Very low impedance
logo
Vishay Siliconix
136RVI VISHAY-136RVI_16 Datasheet
157Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
Revision: 16-Sep-16
136RVI VISHAY-136RVI_V01 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Radial Very Low Impedance
01-Jan-2023
logo
Illinois Capacitor, Inc...
106ACZ035M ILLINOISCAPACITOR-106ACZ035M_13 Datasheet
230Kb / 2P
   105C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
106ACZ035M ILLINOISCAPACITOR-106ACZ035M Datasheet
415Kb / 3P
   105째C Very Low Impedance Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com