Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ070XF02SZH Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ070XF02SZH
Description  TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ070XF02SZH Datasheet(HTML) 2 Page - Sharp Corporation

  PQ070XF02SZH Datasheet HTML 1Page - Sharp Corporation PQ070XF02SZH Datasheet HTML 2Page - Sharp Corporation PQ070XF02SZH Datasheet HTML 3Page - Sharp Corporation PQ070XF02SZH Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Sheet No.: OP06068
Electrical Characteristics
V
dB
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
-
Symbol
Conditions
MIN.
MAX.
Unit
1.275
-
0.2
2.0
-
60
RR
Quiescent current
Input voltage
-
45
-
-
1.3
2
V
1.250
%
-
-
V
-
PQ070XF02SZH
(Unless otherwise specified,condition shall be VIN=5V,VO=3V(R1=1kΩ),IO=1A,Ta=25°C)
VIN
VO
RegL
IO=5mA to 2A
RegI
VIN=4 to 8V, IO=5mA
Temperature coefficient of reference voltage TCVREF
Tj=0 to +125°C, IO=5mA
±1.0
Iq
IO=0A
mA
Dropout voltage
VI-O
0.5
-
Fig.1 Test Circuit
Fig.2 Test Circuit of Ripple Rejection
2.35
-
10
1.5
-
7
Reference voltage
-
VREF
1.225
V
0.2
1.0
%
%
VIN=2.85V,IO=2A
TYP.
V
47 F
V IN
ei
eo
1k
I O
RL
0.33 F
+
R2
R1
+
f
=120Hz(sine wave)
ei(rms) =0.5V
I O=0.3A
RR=20 log(e i(rms) /e o(rms) )
V IN =5V
V O=3.0V(R 1=1k )
1
4
3
2
V
A
V IN
I q 1k
I O
V O
RL
47 F
0.33 F
+
R2
R1
V O=Vref x 1+ –––––
R2
R1
[R 1=1k ,V ref Nearly=1.25V]
1
4
3
A
V
V ref
2
-40 -20
125
100
75
50
25
0
150
85
20
0
5
10
15
1.4
PD1
PD2
PD1:No heat sink
PD2:With infinite heat sink 
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Fig.3 Power Dissipation vs. Ambient
Temperature
Output current IO (A)
Fig.4 Overcurrent Protection Characteristics
(Typical Value)
0
0.5
1
1.5
2
2.5
3
01
23
4
VIN=10V
VIN=9V
VIN=7V
VIN=5V
R1=1kΩ,
R2=1.4kΩ
(Vo=3V)
Refer to Fig.2
+
+


Similar Part No. - PQ070XF02SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ070XF02SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF01SZH SHARP-PQXXXEF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF02SZH SHARP-PQXXXEF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com