Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43474A4398M000 Datasheet(PDF) 4 Page - EPCOS

Part # B43474A4398M000
Description  Capacitors with screw terminals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43474A4398M000 Datasheet(HTML) 4 Page - EPCOS

  B43474A4398M000 Datasheet HTML 1Page - EPCOS B43474A4398M000 Datasheet HTML 2Page - EPCOS B43474A4398M000 Datasheet HTML 3Page - EPCOS B43474A4398M000 Datasheet HTML 4Page - EPCOS B43474A4398M000 Datasheet HTML 5Page - EPCOS B43474A4398M000 Datasheet HTML 6Page - EPCOS B43474A4398M000 Datasheet HTML 7Page - EPCOS B43474A4398M000 Datasheet HTML 8Page - EPCOS B43474A4398M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Dimensional drawings
B43454
Ring clip/clamp mounting
B43474
Threaded stud mounting
For types with threaded stud and d
≤ 76 mm the base is not insulated. Also refer to the mounting
instructions in chapter "Capacitors with screw terminals
Accessories".
Dimensions and weights
Ter-
minal
Dimensions (mm) with insulating sleeve
Approx.
weight (g)
d
l
±1
l1
±1
l2 +0/ 1 d1
d2 max. a +0.2/ 0.4
M5
M5
51.6 +0/ 0.8
51.6 +0/ 0.8
80.7
105.7
87.2
112.2
17
17
M12
M12
10.2
10.2
22.2
22.2
220
280
M5
M5
M5
64.3 +0/ 0.8
64.3 +0/ 0.8
64.3 +0/ 0.8
80.7
105.7
143.2
87.2
112.2
149.7
17
17
17
M12
M12
M12
13.2
13.2
13.2
28.5
28.5
28.5
370
440
630
M5
M5
M5
M5
76.9 +0/ 0.7
76.9 +0/ 0.7
76.9+0/ 0.7
76.9 +0/ 0.7
105.7
143.2
168.7
220.7
111.5
149.0
174.5
226.5
17
17
17
17
M12
M12
M12
M12
13.2
13.2
13.2
13.2
31.7
31.7
31.7
31.7
620
840
1000
1300
Packing
Capacitor diameter d
Packing units (pcs.)
51.6 mm
22
64.3 mm
15
76.9 mm
12
For ecological reasons the packing is pure cardboard.
B43454, B43474
Standard
85
°C
Page 4 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43474A4398M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43474A4398M000 EPCOS-B43474A4398M000 Datasheet
437Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43474A4398M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com