Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQXXXEH01ZXH Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQXXXEH01ZXH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQXXXEH01ZXH Datasheet(HTML) 3 Page - Sharp Corporation

  PQXXXEH01ZXH Datasheet HTML 1Page - Sharp Corporation PQXXXEH01ZXH Datasheet HTML 2Page - Sharp Corporation PQXXXEH01ZXH Datasheet HTML 3Page - Sharp Corporation PQXXXEH01ZXH Datasheet HTML 4Page - Sharp Corporation PQXXXEH01ZXH Datasheet HTML 5Page - Sharp Corporation PQXXXEH01ZXH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Sheet No.: OP06029
PQxxxEH01ZxH Series
Fig.2 Test Circuit for Ripple Rejection
ei
eo
+
+
3
1
2
5
V
~
~
VIN
0.33μF
VC
2.7V
47μF
IO
RL
f=120Hz(sine wave)
ei(rms)=0.5V
VIN=VO(TYP)+2V
IO=0.3A
RR=20log(ei(rms)/eo(rms))
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
0
0.3
0.6
0.9
1.2
1.5
00.5
11.5
2
V IN=2.35V
V IN=2.5V
V IN=3V
V IN=3.3V
V IN=5V
Output current IO (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
00.5
11.5
2
V IN=2.35V
V IN=2.5V
V IN=3V
V IN=3.3V
V IN=5V
Output current IO (A)
0
0.5
1
1.5
2
2.5
00.511.5
2
V IN=3V
V IN=3.3V
V IN=3.6V
V IN=4.5V
V IN=5V
+
PD:With infinite heat sink 
-40 -20
0
25
50
75 85 100 125 150
0
5
10
15
20
25
30
35
40
Fig.3 Power Dissipation vs. Ambient
Temperature
Fig.4 Overcurrent Protection Characteristics
(Typical Value) (PQ015EH01ZxH)
Fig.5 Overcurrent Protection Characteristics
(Typical Value) (PQ018EH01ZxH)
Fig.6 Overcurrent Protection Characteristics
(Typical Value) (PQ025EH01ZxH)


Similar Part No. - PQXXXEH01ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQXXXEH01ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com