Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQXXXEH02ZXH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQXXXEH02ZXH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQXXXEH02ZXH Datasheet(HTML) 1 Page - Sharp Corporation

  PQXXXEH02ZXH Datasheet HTML 1Page - Sharp Corporation PQXXXEH02ZXH Datasheet HTML 2Page - Sharp Corporation PQXXXEH02ZXH Datasheet HTML 3Page - Sharp Corporation PQXXXEH02ZXH Datasheet HTML 4Page - Sharp Corporation PQXXXEH02ZXH Datasheet HTML 5Page - Sharp Corporation PQXXXEH02ZXH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Sheet No.: OP06030
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Parameter
Symbol
Rating
Unit
2
V
A
V
Input voltage
35
W
°C
Power dissipation
*1
*3
*2
Junction temperature
150
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
10
10
Features
Outline Dimensions
Applications
Absolute Maximum Ratings
PQxxxEH02ZxH Series
PQxxxEH02ZxH Series
Output current
*1
°C
°C
°C
*1 All are open except GND and applicable terminals.
*2 PD:With infinite heat sink
*3
Model Line-up
(Unit : mm)
Low Voltage Operation
Low Power-Loss Voltage Regulators
2A
PQ015EH02ZPH
1.5V
1.8V
2.5V
PQ018EH02ZPH PQ025EH02ZPH
PQ015EH02ZZH PQ018EH02ZZH PQ025EH02ZZH
(Ta=25°C)
VIN
VC
IO
PD
Tj
Topr
Tstg
Tsol
Overheat protection may operate at Tj:125°C to 150°C
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
1.Low voltage operation
(Minimum operating voltage: 2.35V)
2.5V input   available 1.5 to 1.8V output
2.Large output current type (IO: 2A)
3.Low dissipation current
(Quiescent current : MAX. 2mA
Output OFF-state dissipation current: MAX.5μA)
4.Low power-loss
5.Built-in overcurrent and overheat protection functions
6.TO-263 package
7.RoHS directive compliant
1.Personal computers and peripheral equipment
2.Power supplies for various digital electronic equipment such
as DVD player or STB
3.Power supplies for automotive equipment such as car
navigation system
Taping
Sleeve
Output voltage (VO)
Output
current (IO)
Package
type
10.6
MAX.
1.05
4–(1.7)
3.5
±0.5
015E H02
1.05
0.9
0.9
0.9
(0.6)
(0.6)
3.28
±0.5
(0.6)
(0.45)
DC input (V IN )
ON/OFF control terminal (VC)
DC output (VO)
NC
GND
DC output (VO)
1
5
4
3
2
(Heat sink is
common to
terminal
)
6
3
1
2
3
4
5
6
2
3
1
R1
R2
AMP
ON/OFF
control circuit
5
Control
circuit
Overheat
protection
Overcurrent
protection
Reference
voltage
Product mass:(1.0g)
( ) : Typical dimensions
H
Lead finish
identification mark
Output control voltage


Similar Part No. - PQXXXEH02ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQXXXEH02ZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com