Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B43474A5108M000 Datasheet(PDF) 8 Page - EPCOS

Part # B43474A5108M000
Description  Capacitors with screw terminals
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43474A5108M000 Datasheet(HTML) 8 Page - EPCOS

Back Button B43474A5108M000 Datasheet HTML 4Page - EPCOS B43474A5108M000 Datasheet HTML 5Page - EPCOS B43474A5108M000 Datasheet HTML 6Page - EPCOS B43474A5108M000 Datasheet HTML 7Page - EPCOS B43474A5108M000 Datasheet HTML 8Page - EPCOS B43474A5108M000 Datasheet HTML 9Page - EPCOS B43474A5108M000 Datasheet HTML 10Page - EPCOS B43474A5108M000 Datasheet HTML 11Page - EPCOS B43474A5108M000 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Technical data and ordering codes
CR
100 Hz
20
°C
µF
Case
dimensions
d
× l
mm
ESRtyp
100 Hz
20
°C
m
ESRmax
100 Hz
20
°C
m
Zmax
10 kHz
20
°C
m
IAC,max
100 Hz
40
°C
A
IAC,R
100 Hz
85
°C
A
Ordering code
(composition see below)
Composition of ordering code
* =
Mounting style
5 = for capacitors with ring clip/clamp mounting
7 = for capacitors with threaded stud
VR = 450 V DC
1000
51.6
× 105.7
120
180
144
10
3.6
B434*4A5108M000
1500
64.3
× 80.7
74
111
89
13
4.9
B434*4A5158M000
2200
64.3
× 105.7
54
81
65
16
6.2
B434*4A5228M000
2700
76.9
× 105.7
46
69
55
19
7.2
B434*4A5278M000
3300
64.3
× 143.2
39
59
47
21
8.1
B434*4A5338M000
3900
76.9
× 143.2
34
51
41
24
8.9
B434*4A5398M000
4700
76.9
× 168.7
29
44
35
27
10.1
B434*4A5478M000
5600
76.9
× 220.7
25
38
30
30
11.5
B434*4A5568M000
6800
76.9
× 220.7
21
32
25
35
13.2
B434*4A5688M000
8200
76.9
× 220.7
19
29
23
39
14.5
B434*4A5828M000
B43454, B43474
Standard
85
°C
Page 8 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B43474A5108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43474A5108M000 EPCOS-B43474A5108M000 Datasheet
437Kb / 16P
   Aluminum electrolytic capacitors
More results

Similar Description - B43474A5108M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43560 EPCOS-B43560 Datasheet
507Kb / 14P
   Capacitors with screw terminals
logo
TDK Electronics
B43700 TDK-B43700_16 Datasheet
647Kb / 17P
   Capacitors with screw terminals
B43701 TDK-B43701_16 Datasheet
617Kb / 17P
   Capacitors with screw terminals
B43712 TDK-B43712_16 Datasheet
672Kb / 21P
   Capacitors with screw terminals
B41456B4100M600 TDK-B41456B4100M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M600 TDK-B41456B5330M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B5330M603 TDK-B41456B5330M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B5470M600 TDK-B41456B5470M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41456B7220M603 TDK-B41456B7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
B41456B7689M600 TDK-B41456B7689M600 Datasheet
51Kb / 1P
   Capacitors with Screw Terminals
B41560A7220M603 TDK-B41560A7220M603 Datasheet
52Kb / 2P
   Capacitors with Screw Terminals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com