Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ018EH01ZZH Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ018EH01ZZH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ018EH01ZZH Datasheet(HTML) 4 Page - Sharp Corporation

  PQ018EH01ZZH Datasheet HTML 1Page - Sharp Corporation PQ018EH01ZZH Datasheet HTML 2Page - Sharp Corporation PQ018EH01ZZH Datasheet HTML 3Page - Sharp Corporation PQ018EH01ZZH Datasheet HTML 4Page - Sharp Corporation PQ018EH01ZZH Datasheet HTML 5Page - Sharp Corporation PQ018EH01ZZH Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Sheet No.: OP06029
PQxxxEH01ZxH Series
1.45
1.46
1.47
1.48
1.49
1.5
1.51
1.52
1.53
1.54
1.55
−50
−25
0
25
50
75
100
125
V IN=2.5V
IO=0.5A
V C=2.7V
1.75
1.76
1.77
1.78
1.79
1.8
1.81
1.82
1.83
1.84
1.85
−50
−25
0
25
50
75
100
125
V IN=2.8V
IO=0.5A
V C=2.7V
2.475
2.48
2.485
2.49
2.495
2.5
2.505
2.51
2.515
2.52
2.525
−50
−25
0
255075
100
125
V IN=3.5V
IO=0.5A
V C=2.7V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
012345
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=3Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=1.5Ω (IO=1A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
012345
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=1.8Ω (IO=1A)
RL=3.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
0
0.5
1
1.5
2
2.5
012345
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=0Ω (IO=0A)
RL=2.5Ω (IO=1A)
RL=5Ω (IO=0.5A)
Fig.7 Output Voltage vs. Ambient
Temperature (PQ015EH01ZxH)
Ambient temperature Ta (°C)
Fig.8 Output Voltage vs. Ambient
Temperature (PQ018EH01ZxH)
Ambient temperature Ta (°C)
Fig.9 Output Voltage vs. Ambient
Temperature (PQ025EH01ZxH)
Ambient temperature Ta (°C)
Fig.10 Output Voltage vs. Input Voltage
(PQ015EH01ZxH)
Input voltage VIN(V)
Fig.12 Output Voltage vs. Input Voltage
(PQ025EH01ZxH)
Input voltage VIN(V)
Input voltage VIN(V)
Fig.11 Output Voltage vs. Input Voltage
(PQ018EH01ZxH)


Similar Part No. - PQ018EH01ZZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ018EH02ZPH SHARP-PQ018EH02ZPH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQ018EH02ZZH SHARP-PQ018EH02ZZH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ018EH01ZZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com