Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQXXXEZ1HZXH Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQXXXEZ1HZXH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQXXXEZ1HZXH Datasheet(HTML) 3 Page - Sharp Corporation

  PQXXXEZ1HZXH Datasheet HTML 1Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 2Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 3Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 4Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 5Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 6Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 7Page - Sharp Corporation PQXXXEZ1HZXH Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Sheet No.: OP06018
Ambient temperature Ta (°C)
Note) Oblique line portion:Overheat protection may operate in this area.
Output current IO (A)
Fig.4 Overcurrent Protection Characteristics
(PQ015EZ1HZxH)
A
A
3
2
5
1
V
A
VIN
0.33μF
47μF
VC
IC
VO
IO
RL
+
Iq
ei
eo
2.7V
3
1
2
5
V
~
~
0.33μF
IO
RL
47μF
+
+
VIN
VC
Fig.1 Test Circuit
Fig.2 Test Circuit for Ripple Rejection
f=120Hz(sine wave)
ei(rms)=0.5V
VIN= VO(TYP)+2V
IO=0.3A
RR=20log(ei(rms)/eo(rms))
Fig.3 Power Dissipation vs. Ambient
Temperature
PQxxxEZ1HZxH Series
-40
-20
0
20
80
60
40
0
5
8
10
PD : With infinite heat sink
+
+
0
0.5
1
1.5
2
1.5
1
0.5
V IN =2.35V
V IN =2.5V
V IN =3V
V IN =3.3V
V IN =5V
0


Similar Part No. - PQXXXEZ1HZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEZ01Z SHARP-PQXXXEZ01Z Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ01ZXH SHARP-PQXXXEZ01ZXH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXEZ02Z SHARP-PQXXXEZ02Z Datasheet
69Kb / 4P
   Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ5MZXH SHARP-PQXXXEZ5MZXH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQXXXEZ1HZXH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com