Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ025ENA1ZPH Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ025ENA1ZPH
Description  Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ025ENA1ZPH Datasheet(HTML) 6 Page - Sharp Corporation

  PQ025ENA1ZPH Datasheet HTML 1Page - Sharp Corporation PQ025ENA1ZPH Datasheet HTML 2Page - Sharp Corporation PQ025ENA1ZPH Datasheet HTML 3Page - Sharp Corporation PQ025ENA1ZPH Datasheet HTML 4Page - Sharp Corporation PQ025ENA1ZPH Datasheet HTML 5Page - Sharp Corporation PQ025ENA1ZPH Datasheet HTML 6Page - Sharp Corporation PQ025ENA1ZPH Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Sheet No.: OP06064
PQxxxENA1ZPH Series
Fig.19 Output Voltage vs. Input Voltage
(PQ025ENA1ZPH)
0
0.2
0.4
0.6
0.8
1.0
0
-2
-4
-6
2
10
VC=2.7V
CIN=1μF
CO=1μF(Ceramic capacitor)
Ta=Room temp.
-8
4
6
8
PQ033ENA1ZPH
:
VIN=4.3V
PQ025ENA1ZPH
:
VIN=3.5V
Output current IO (A)
Fig.18 Output Voltage Deviation vs. Output
Current
Input voltage VIN (V)
0
3
2.5
2
1.5
1
0.5
0
12
3
4
5
IO=0A(RL=∞Ω)
VC=2.7V
Ta=Room temp.
CIN=1μF
CO=1μF
IO=0.5A(RL=5Ω)
IO=1A(RL=2.5Ω)
Fig.20 Output Voltage vs. Input Voltage
(PQ033ENA1ZPH)
0
3
2.5
2
1.5
1
0.5
0
12
3
4
5
3.5
IO=0A(RL=∞Ω)
IO=0.5A(RL=6.6Ω)
IO=1A(RL=3.3Ω)
VC=2.7V
Ta=Room temp.
CIN=1μF
CO=1μF
Input voltage VIN (V)
0
10
30
01
2
3
45
5
15
20
25
IO=1A(RL=2.5Ω)
IO=0.5A(RL=5Ω)
IO=0A(RL=∞Ω)
VC=2.7V
Ta=Room temp.
CIN=1μF
CO=1μF
Fig.21 Circuit Operating Current vs. Input
Voltage (PQ025ENA1ZPH)
Input voltage VIN (V)
0
10
30
01
2
3
45
5
15
20
25
IO=1A
(RL=3.3Ω)
IO=0.5A
(RL=6.6Ω)
IO=0A
(RL=∞Ω)
VC=2.7V
Ta=Room temp.
CIN=1μF
CO=1μF
Fig.22 Circuit Operating Current vs. Input
Voltage (PQ033ENA1ZPH)
Input voltage VIN (V)
0
0.2
0.4
0.6
0.8
1.0
VC=2.7V
Ta=Room temp.
CIN=1μF
CO=1μF
1.2
1.4
0
0.3
0.9
0.1
0.5
0.7
0.8
0.2
0.4
0.6
1
VIN=2.35V
VIN=2.5V
Fig.23 Dropout Voltage vs. Output Current
(PQ025ENA1ZPH)
Output current IO (A)


Similar Part No. - PQ025ENA1ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ025ENAHZPH SHARP-PQ025ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ025ENA1ZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ015ENAHZPH SHARP-PQ015ENAHZPH Datasheet
147Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XNA1ZPH SHARP-PQ070XNA1ZPH Datasheet
142Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ070XN01ZPH SHARP-PQ070XN01ZPH Datasheet
140Kb / 5P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN1HZPH SHARP-PQXXXGN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com