Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ025EZ1HZPH Datasheet(PDF) 5 Page - Sharp Corporation

Part # PQ025EZ1HZPH
Description  Low Voltage Operation Low Power-Loss Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ025EZ1HZPH Datasheet(HTML) 5 Page - Sharp Corporation

  PQ025EZ1HZPH Datasheet HTML 1Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 2Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 3Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 4Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 5Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 6Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 7Page - Sharp Corporation PQ025EZ1HZPH Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Sheet No.: OP06018
PQxxxEZ1HZxH Series
2.475
2.525
2.52
2.515
2.51
2.505
2.5
2.495
2.49
2.485
2.48
-50 -25
0
25
50
75
100 125
V IN =3.5V
V C=2.7V
I O=0.5A
2.95
3.05
3.04
3.03
3.02
3.01
3
2.99
2.98
2.97
2.96
-50 -25
0
25
50
75
100 125
V IN =4V
V C=2.7V
I O=0.5A
Fig.11 Output Voltage vs. Junction
Temperature (PQ025EZ1HZxH)
Junction temperature Tj (°C)
Fig.12 Output Voltage vs. Junction
Temperature (PQ030EZ1HZxH)
Junction temperature Tj (°C)
3.25
3.35
3.34
3.33
3.32
3.31
3.3
3.29
3.28
3.27
3.26
-50 -25
0
25
50
75
100 125
V IN =4.3V
V C=2.7V
I O=0.5A
0
2
0.5
1
1.5
0
12345
V C=2.7V
T a=Room temp.
C IN =0.33
μF, CO=47μF
RL=2Ω(I O=0.75A)
RL=4Ω(I O=1.5A)
RL=∞Ω(IO=0A)
Fig.13 Output Voltage vs. Junction
Temperature (PQ033EZ1HZxH)
Junction temperature Tj (°C)
Fig.14 Output Voltage vs. Input Voltage
(PQ015EZ1HZxH)
Input voltage VIN (V)
0
2
0.5
1
1.5
0
12345
V C=2.7V
T a=Room temp.
C IN =0.33
μF, CO=47μF
RL=2.4Ω(I O=0.75A)
RL=1.2Ω (I O=1.5A)
0
3
1
2
0
12345
V C=2.7V
T a=Room temp.
C IN =0.33
μF
C O=47
μF
RL=1.67Ω (I O=0.75A)
RL=3.3Ω(I O=1.5A)
RL=∞Ω (IO=0A)
RL=∞Ω(I O=0A)
Fig.15 Output Voltage vs. Input Voltage
(PQ018EZ1HZxH)
Input voltage VIN (V)
Fig.16 Output Voltage vs. Input Voltage
(PQ025EZ1HZxH)
Input voltage VIN (V)


Similar Part No. - PQ025EZ1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ025EZ01Z SHARP-PQ025EZ01Z Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ025EZ01ZP SHARP-PQ025EZ01ZP Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ025EZ01ZP SHARP-PQ025EZ01ZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ025EZ01ZP SHARP-PQ025EZ01ZP Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ025EZ01ZPH SHARP-PQ025EZ01ZPH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ025EZ1HZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_V01 Datasheet
508Kb / 14P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
E-Tech Electronics LTD
RXXLD10 ETL-RXXLD10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com