Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ015EZ5MZPH Datasheet(PDF) 8 Page - Sharp Corporation

Part # PQ015EZ5MZPH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ015EZ5MZPH Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PQ015EZ5MZPH Datasheet HTML 2Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 3Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 4Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 5Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 6Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 7Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 8Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 9Page - Sharp Corporation PQ015EZ5MZPH Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
Sheet No.: OP06021
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Fig.29 Circuit Operating Current vs. Input
Voltage (PQ015EZ5MZxH)
Input voltage VIN (V)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=3Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=5Ω (IO=0.3A)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=3.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=6Ω (IO=0.3A)
Fig.30 Circuit Operating Current vs. Input
Voltage (PQ018EZ5MZxH)
Input voltage VIN (V)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=5Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=8.3Ω (IO=0.3A)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=10Ω (IO=0.3A)
Fig.31 Circuit Operating Current vs. Input
Voltage (PQ025EZ5MZxH)
Input voltage VIN (V)
Fig.32 Circuit Operating Current vs. Input
Voltage (PQ030EZ5MZxH)
Input voltage VIN (V)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=47μF
RL=6.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
RL=11Ω (IO=0.3A)
0
10
20
05 3
4
2
1
V C=2.7V
Ta=Room temp.
CIN=0.33μF
CO=10μF
RL=1.5Ω (IO=1A)
RL=3Ω (IO=0.5A)
RL=∞Ω (IO=0A)
Fig.33 Circuit Operating Current vs. Input
Voltage (PQ033EZ5MZxH)
Input voltage VIN (V)
Fig.34 Circuit Operating Current vs. Input
Voltage (PQ015EZ01ZxH)
Input voltage VIN (V)


Similar Part No. - PQ015EZ5MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ015EZ5MZPH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com