Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ010FZ5MZP Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ010FZ5MZP
Description  Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ010FZ5MZP Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PQ010FZ5MZP Datasheet HTML 2Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 3Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 4Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 5Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 6Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 7Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 8Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 9Page - Sharp Corporation PQ010FZ5MZP Datasheet HTML 10Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Low Power-Loss Voltage Regulators
PQxxxFZ5MZ Series/PQxxxFZ01Z Series
01
2
4
35
Bias supply voltage VB (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
IO=0A
IO=0.3A(RL=3.3
Ω)
IO=0.5A(RL=2
Ω)
01
2
4
35
Bias supply voltage VB (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
IO=0A
IO=0.3A(RL=4
Ω)
IO=0.5A(RL=2.4
Ω)
01
2
4
35
Bias supply voltage VB (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
IO=0A
IO=0.5A(RL=2
Ω)
IO=1A(RL=1
Ω)
01
2
4
35
Bias supply voltage VB (V)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
IO=0A
IO=0.5A(RL=2.4
Ω)
IO=1A(RL=1.2
Ω)
01
2
4
35
Input Voltage/Bias Supply Voltage VIN/VB(V)
0
2
4
0
1
6
82
10
12
14
16
18
20
IIN–VIN
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IB–VB
VIN=1.7V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IIN
IB
01
2
4
35
Input Voltage/Bias Supply Voltage VIN/VB(V)
0
2
4
0
1
8
6
10
2
14
12
16
18
22
20
24
26
IIN–VIN
VB=3.3V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IB–VB
VIN=1.8V
VC=2.7V
CIN=0.33
µF
CO=47
µF
IIN
IB
Fig.20 Output Voltage vs. Bias Supply Voltage
(PQ012FZ01Z)
Fig.21 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ010FZ5MZ)
Fig.22 Circuit Operating Current vs. Input Voltage
/Bias Supply Voltage (PQ012FZ5MZ)
Fig.17 Output Voltage vs. Bias Supply Voltage
(PQ010FZ5MZ)
Fig.18 Output Voltage vs. Bias Supply Voltage
(PQ012FZ5MZ)
Fig.19 Output Voltage vs. Bias Supply Voltage
(PQ010FZ01Z)


Similar Part No. - PQ010FZ5MZP

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ010 PICO-PQ010 Datasheet
5Mb / 27P
   Ultra-compact PC oscilloscopes
2021
logo
Sharp Corporation
PQ010GN01ZPH SHARP-PQ010GN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ010GN1HZPH SHARP-PQ010GN1HZPH Datasheet
165Kb / 7P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ010FZ5MZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXEZ5MZ SHARP-PQXXXEZ5MZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com