Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ018EZ5MZZH Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ018EZ5MZZH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ018EZ5MZZH Datasheet(HTML) 4 Page - Sharp Corporation

  PQ018EZ5MZZH Datasheet HTML 1Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 2Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 3Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 4Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 5Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 6Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 7Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 8Page - Sharp Corporation PQ018EZ5MZZH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
Sheet No.: OP06021
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
Output current IO (A)
Fig.5 Overcurrent Protection Characteristics
(PQ018EZ5MZxH)
Fig.6 Overcurrent Protection Characteristics
(PQ025EZ5MZxH)
Output current IO (A)
Fig.7 Overcurrent Protection Characteristics
(PQ030EZ5MZxH)
Output current IO (A)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
00.2
0.4
0.6
0.811.2
0.1
0.3
0.5
0.7
0.9
1.1
V IN=2.35V
V IN=2.5V
V IN=3V
V IN=3.3V
V IN=5V
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
V IN=3V
V IN=3.3V
V IN=3.6V
V IN=5V
V IN=4.5V
0
0.5
1
1.5
2
2.5
3
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
V IN=10V
V IN=7V
V IN=5.5V
V IN=5V
V IN=4.5V
0
0.5
1
1.5
2
2.5
3
3.5
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
V IN=10V
V IN=4.5V
V IN=7V
V IN=5.5V
V IN=5V
Fig.8 Overcurrent Protection Characteristics
(PQ033EZ5MZxH)
Output current IO (A)
0
0.3
0.6
0.9
1.2
1.5
012
0.5
1.5
V IN=2.35V
V IN=2.5V
V IN=3.3V
V IN=5V
V IN=3V
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
00.511.5
2
V IN=2.35V
V IN=2.5V
V IN=5V
V IN=3V
V IN=3.3V
Fig.9 Overcurrent Protection Characteristics
(PQ015EZ01ZxH)
Output current IO (A)
Fig.10 Overcurrent Protection Characteristics
(PQ018EZ01ZxH)
Output current IO (A)


Similar Part No. - PQ018EZ5MZZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ018EZ5MZZ SHARP-PQ018EZ5MZZ Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ018EZ5MZZ SHARP-PQ018EZ5MZZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ018EZ5MZZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com