Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ025EZ5MZZH Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ025EZ5MZZH
Description  Compact Surface Mount type Low Power-Loss Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ025EZ5MZZH Datasheet(HTML) 1 Page - Sharp Corporation

  PQ025EZ5MZZH Datasheet HTML 1Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 2Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 3Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 4Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 5Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 6Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 7Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 8Page - Sharp Corporation PQ025EZ5MZZH Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Features
Outline Dimensions
Lead finish:Lead-free solder plating
(Composition: Sn2Cu)
Applications
(Unit : mm)
Sheet No.: OP06021
Compact Surface Mount type
Low Power-Loss Voltage Regulators
Model Line-up
Parameter
Symbol
Rating
Unit
Input voltage
Power dissipation
*3
*2
Junction temperature
Operating temperature
-40 to +85
Storage temperature
-40 to +150
Soldering temperature
260(10s)
Absolute Maximum Ratings
*1
*1 All are open except GND and applicable terminals.
*2 PD: With infinite heat sink
*3 Overheat protection may operate at Tj:125°C to 150°C
NC
GND
1
2
3
4
5
1
2
3
5
Specific IC
DC input (VIN)
ON/OFF control terminal (VC)
DC output(VO)
PQxxxEZ5MZxH Series/PQxxxEZ01ZxH Series
PQxxxEZ5MZxH Series
PQxxxEZ01ZxH Series
1.Low voltage operation (Minimum operating voltage: 2.35V)
2.5V input → available 1.5 to 1.8V
2.Low dissipation current
Dissipation current at no load: MAX. 2mA
Output OFF-state dissipation current: MAX. 5μA
3.Built-in overcurrent protection and overheat protection
functions
4.RoHS directive compliant
1.Peripheral equipment of personal computers
2.Power supplies for various electronic equipment such as
DVD player or STB
1.8V
1.5V
2.5V
0.5A
PQ015EZ5MZPH PQ018EZ5MZPH PQ025EZ5MZPH
PQ015EZ5MZZH PQ018EZ5MZZH PQ025EZ5MZZH
3.3V
3.0V
PQ030EZ5MZPH PQ033EZ5MZPH
PQ030EZ5MZZH PQ033EZ5MZZH
0.5A
1A
PQ015EZ01ZPH PQ018EZ01ZPH PQ025EZ01ZPH
PQ015EZ01ZZH PQ018EZ01ZZH
PQ025EZ01ZZH
1A
PQ030EZ01ZPH PQ033EZ01ZPH
PQ030EZ01ZZH PQ033EZ01ZZH
Output
current (IO)
Package
type
Output voltage (VO)
Taping
Sleeve
Taping
Sleeve
Taping
Sleeve
Taping
Sleeve
10
V
V
10
150
˚C
˚C
A
1
˚C
ON/OFF control terminal voltage
(Ta=25°C)
VIN
VC
Output
current
PQxxxEZ5MZxH
Series
PQxxxEZ01ZxH
Series
IO
0.5
PD
8W
Tj
Topr
Tstg
Tsol
˚C
0.5
+0.2
–0.1
(0.5)
(0.5)
(0~0.25)
6.6
MAX.
5.2±
0.5
2.3±
0.5
4–( 1.27)
3
1
2
3
4
5
Epoxy resin
Product mass:(0.3g)
(
) : Typical dimensions
015EZ5M
H
Lead finish
identification mark


Similar Part No. - PQ025EZ5MZZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ025EZ5MZZ SHARP-PQ025EZ5MZZ Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ025EZ5MZZ SHARP-PQ025EZ5MZZ Datasheet
129Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
More results

Similar Description - PQ025EZ5MZZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1LA153MSPQ SHARP-PQ1LA153MSPQ Datasheet
133Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WNA1ZPH SHARP-PQ200WNA1ZPH Datasheet
146Kb / 5P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1KAXX3MZPH SHARP-PQ1KAXX3MZPH Datasheet
138Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ200WN3MZPH SHARP-PQ200WN3MZPH Datasheet
152Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAX95MSPQ SHARP-PQ1LAX95MSPQ Datasheet
145Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQ1MXX5M2SPQ SHARP-PQ1MXX5M2SPQ Datasheet
152Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXDNA1ZPH SHARP-PQXXXDNA1ZPH Datasheet
172Kb / 6P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
PQ1LAXX3MSPQ SHARP-PQ1LAXX3MSPQ Datasheet
136Kb / 4P
   Compact Surface Mount Type Low Power-Loss Voltage Regulators
PQXXXEN01ZPH SHARP-PQXXXEN01ZPH Datasheet
188Kb / 8P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
PQXXXGN01ZPH SHARP-PQXXXGN01ZPH Datasheet
191Kb / 9P
   Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com