Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033RDA1SZH Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ033RDA1SZH
Description  TO-220 Type,1A Output Low Power-Loss Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033RDA1SZH Datasheet(HTML) 2 Page - Sharp Corporation

  PQ033RDA1SZH Datasheet HTML 1Page - Sharp Corporation PQ033RDA1SZH Datasheet HTML 2Page - Sharp Corporation PQ033RDA1SZH Datasheet HTML 3Page - Sharp Corporation PQ033RDA1SZH Datasheet HTML 4Page - Sharp Corporation PQ033RDA1SZH Datasheet HTML 5Page - Sharp Corporation PQ033RDA1SZH Datasheet HTML 6Page - Sharp Corporation PQ033RDA1SZH Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Sheet No.: OP06049
Electrical Characteristics
%
dB
Parameter
Output voltage
Load regulation
Line regulation
Ripple rejection
ON-state voltage for control
ON-state current for control
Symbol
Conditions
MIN.
MAX.
Unit
2.0
-
0.5
2.5
-
55
RR
200
-
-
-
-
Quiescent current
Output OFF-state dissipation current
5
-
-
%/°C
-
-
5
-
OFF-state voltage for control
8
TYP.
V
0.1
%
-
-
-
2.0
-
V
0.8
-
-
V
OFF-state current for control
-2
-
PQxxxRDA1SZH Series
(Unless otherwise specified,condition shall be VIN=VO(TYP.)+2V,IO=0.5A,VC=2.7V,Ta=25°C)
Refer to the table below
VO
RegL
IO=5mA to 1A
RegI
VIN=VO(TYP.)+1V to VO(TYP.)+7V , IO=5mA
Temperature coefficient of output voltage
TCVO
Tj=0 to +125°C, IO=5mA
±0.02
VC(ON)
IC(ON)
VC(OFF)
IC(OFF)
Iq
Iqs
VC=0.4V
IO=0A
IO=0A, VC=0.4V
μA
μA
mA
μA
Dropout voltage
VI-O
IO=0.5A
0.5
-
V
5 In case of opening control terminal ④, output voltage turns off.
Table.1 Output Voltage Line-up
PQ033RDA1SZH
PQ050RDA1SZH
PQ080RDA1SZH
PQ090RDA1SZH
VO
4.85
7.76
8.73
5.15
8.24
9.27
12.36
V
5.0
8.0
9.0
12.0
11.64
MIN.
TYP.
MAX.
Unit
Conditions
Symbol
Model No.
-
4
-
VIN=VO (TYP.)+2V, IO=0.5A,
VC=2.7V, Ta=25°C
Fig.1 Test Circuit
Fig.2 Test Circuit of Ripple Rejection
-
VC=2.7V
-
-
A
A
2
4
3
1
V
A
VIN
0.33μF
47μF
Iq
VC
IC
VO
IO
RL
+
ei
eo
2.7V
2
1
4
3
V
~
~
IO
RL
+
+
VIN
VC
f=120Hz (sine wave)
ei(rms)=0.5V
VIN=5.3V (PQ033RDA1SZH)
VIN=7V (PQ050RDA1SZH)
VIN=10V (PQ080RDA1SZH)
VIN=11V (PQ090RDA1SZH)
VIN=14V (PQ120RDA1SZH)
IO=0.5A
RR=20 log(ei(rms)/eo(rms))
0.33μF
47μF
4 VIN=3.8V(PQ033RDA1SZH) , Input voltage shall be the value when output voltage is 95% in comparison with the
initial value(PQ050RDA1SZH,PQ080RDA1SZH,PQ090RDA1SZH,PQ120RDA1SZH).
PQ120RDA1SZH
3.399
3.3
3.201
+
+


Similar Part No. - PQ033RDA1SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ033RDA2SZH SHARP-PQ033RDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
More results

Similar Description - PQ033RDA1SZH

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQXXXRDA2SZH SHARP-PQXXXRDA2SZH Datasheet
175Kb / 6P
   TO-220 Type,2A Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1_01 Datasheet
80Kb / 8P
   1A Output Low Power-Loss Voltage Regulators
PQ05RF1 SHARP-PQ05RF1 Datasheet
65Kb / 7P
   1A Output Low Power-Loss Voltage Regulators
PQ070XF01SZH SHARP-PQ070XF01SZH Datasheet
151Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF01SZH SHARP-PQXXXEF01SZH Datasheet
177Kb / 6P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ070XF02SZH SHARP-PQ070XF02SZH Datasheet
150Kb / 4P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEF02SZH SHARP-PQXXXEF02SZH Datasheet
163Kb / 5P
   TO-220 Type,Low Voltage Operation Low Power-Loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11 Datasheet
31Kb / 3P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05RD11 SHARP-PQ05RD11_01 Datasheet
67Kb / 6P
   1A Output, General Purpose Low Power-loss Voltage Regulators
PQ05NF1 SHARP-PQ05NF1 Datasheet
47Kb / 5P
   1A Output, General Purpose Low Power-Loss Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com