Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ030EZ5MZZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ030EZ5MZZ
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ030EZ5MZZ Datasheet(HTML) 2 Page - Sharp Corporation

  PQ030EZ5MZZ Datasheet HTML 1Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 2Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 3Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 4Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 5Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 6Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 7Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 8Page - Sharp Corporation PQ030EZ5MZZ Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
s Electrical Characteristics
Parameter
Symbol
Conditions
VIN
VO
RegL
RegI
TCVO
RR
Unit
MAX.
TYP.
MIN.
−−
45
IO
=5mA to 0.5A
IO
=5mA to 1A
VIN
=VO(TYP.)+1V to VO(TYP.)+6V, IO=5mA
Tj
=0 to 125˚C, IO=5mA
Refer to Fig.2
0.2
0.1
±0.01
60
2
1
(Unless otherwise specified, condition shall be VIN
=VO(TYP.)+1V, IO=0.3A,VC=2.7V, Ta=25˚C (PQxxxEZ5MZ))
(Unless otherwise specified, condition shall be VIN
=VO(TYP.)+1V, IO=0.5A,VC=2.7V, Ta=25˚C (PQxxxEZ01Z))
V
V
%
%
%/˚C
dB
Input voltage
Output voltage
Load regulation
PQxxxEZ5MZ
PQxxxEZ01Z
Line regulation
Temperature coefficient of output voltage
Ripple Rejection
❇6
❇4
ON-state voltage for control
OFF-state voltage for control
OFF-state current for control
Output OFF-state dissipation current
ON-state current for control
VC (ON)
IC (ON)
VC (OFF)
IC (OFF)
Iqs
VC=0.4V
IO=0A, VC=0.4V
2
200
0.8
2
V
µA
V
µA
µA
5
Refer to below table
Refer to below table
0.5
0.2
V
Dropout voltage
VI-O
IO
=0.3A
❇5
IO
=0.5A
❇5
PQxxxEZ5MZ
PQxxxEZ01Z
Quiescent current
Iq
IO=0A
1mA
2
❇4 Applied PQ030EZ5MZ, PQ033EZ5MZ
❇5 Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
❇6 In case of opening control terminal
, output voltage turns off.
2
s Input Voltage Line-up
s Output Voltage Line-up
Model No.
Symbol
Conditions
VIN
VIN
VIN
Unit
MAX.
TYP.
MIN.
VO
+0.5
10
2.35
10
2.35
10
V
V
V
PQ015EZ5MZ/PQ015EZ01Z
PQ018EZ5MZ/PQ018EZ01Z
PQ033EZ5MZ/PQ033EZ01Z
VIN
VO
+0.5
10
V
PQ030EZ5MZ/PQ030EZ01Z
VIN
VO
+0.5
10
V
PQ025EZ5MZ/PQ025EZ01Z
(Unless otherwise specified, condition shall be IO
=0.3A,VC=2.7V, Ta=25˚C (PQxxxEZ5MZ))
(Unless otherwise specified, condition shall be IO
=0.5A,VC=2.7V, Ta=25˚C (PQxxxEZ01Z))
Model No.
Symbol
Conditions
VO
VO
VO
Unit
MAX.
TYP.
MIN.
3.218
3.3
3.382
1.75
1.8
1.85
1.45
1.5
1.55
V
V
V
VO
2.438
2.5
2.562
V
VO
2.925
3
3.075
V
(Unless otherwise specified, condition shall be VIN
=VO(TYP.)+1V, IO=0.3A,VC=2.7V, Ta=25˚C (PQxxxEZ5MZ))
(Unless otherwise specified, condition shall be VIN
=VO(TYP.)+1V, IO=0.5A,VC=2.7V, Ta=25˚C (PQxxxEZ01Z))
PQ015EZ5MZ/PQ015EZ01Z
PQ018EZ5MZ/PQ018EZ01Z
PQ033EZ5MZ/PQ033EZ01Z
PQ030EZ5MZ/PQ030EZ01Z
PQ025EZ5MZ/PQ025EZ01Z


Similar Part No. - PQ030EZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ030EZ5MZZ SHARP-PQ030EZ5MZZ Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ030EZ5MZZH SHARP-PQ030EZ5MZZH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ030EZ5MZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com