Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PQ033EZ01ZZ Datasheet(PDF) 9 Page - Sharp Corporation

Part # PQ033EZ01ZZ
Description  SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ033EZ01ZZ Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PQ033EZ01ZZ Datasheet HTML 3Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 4Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 5Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 6Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 7Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 8Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 9Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 10Page - Sharp Corporation PQ033EZ01ZZ Datasheet HTML 11Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Low Power-Loss Voltage Regulators
PQxxxEZ5MZ Series/PQxxxEZ01Z Series
Fig.35 Circuit Operating Current vs. Input
Voltage (PQ018EZ01Z)
Fig.36 Circuit Operating Current vs. Input
Voltage (PQ025EZ01Z)
Fig.37 Circuit Operating Current vs. Input
Voltage (PQ030EZ01Z)
Fig.38 Circuit Operating Current vs. Input
Voltage (PQ033EZ01Z)
Fig.39 Quiescent Current vs. Junction
Temperature
Fig.40 Dropout Voltage vs. Junction
Temperature
Input voltage VIN (V)
0
10
20
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=1.8Ω (IO=1A)
RL=3.6Ω (IO=0.5A)
RL=∞Ω (IO=0A)
Input voltage VIN (V)
0
10
20
30
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=2.5Ω (IO=1A)
RL=5Ω (IO=0.5A)
RL=∞Ω (IO=0A)
Input voltage VIN (V)
0
10
20
30
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=∞Ω (IO=0A)
RL=3Ω (IO=1A)
RL=6Ω
(IO=0.5A)
Input voltage VIN (V)
0
10
20
30
05
34
2
1
VC=2.7V
Ta=Room temp.
CIN=0.33µF
CO=47µF
RL=∞Ω (IO=0A)
RL=3.3Ω (IO=1A)
RL=6.6Ω (IO=0.5A)
1.4
1.2
1
0.8
0.6
0.4
0.2
−50
125
100
75
50
25
0
−25
Junction temperature Tj (°C)
0
IO=0A
VC=2.7V
015:VIN=2.5V
018:VIN=2.8V
025:VIN=3.5V
030:VIN=4.0V
033:VIN=4.3V
PQxxxEZ01Z
PQxxxEZ5MZ
0
0.25
0.2
0.15
0.1
0.05
−50
−25
0
25
50
75
100
125
Junction temperature Tj (°C)
VIN=2.35V
VC=2.7V
PQ030EZ01Z:IO=0.5A
PQ033EZ01Z:IO=0.5A
PQ030EZ5MZ:IO=0.3A
PQ033EZ5MZ:IO=0.3A


Similar Part No. - PQ033EZ01ZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ033EZ01ZZ SHARP-PQ033EZ01ZZ Datasheet
1,013Kb / 19P
   DEVICE SPECIFICATION FOR VOLTAGE REGULATOR
PQ033EZ01ZZ SHARP-PQ033EZ01ZZ Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ033EZ01ZZH SHARP-PQ033EZ01ZZH Datasheet
262Kb / 10P
   Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ033EZ01ZZ

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ015EZ5MZP SHARP-PQ015EZ5MZP Datasheet
128Kb / 11P
   SC-63 Package, Low Voltage Operation Low Power-Loss Voltage Regulators
PQ015YZ5MZ SHARP-PQ015YZ5MZ Datasheet
99Kb / 8P
   Low Voltage Operation, Low Power-Loss Voltage Regulators (SC-63 Package)
PQXXXFZ5MZ SHARP-PQXXXFZ5MZ Datasheet
119Kb / 10P
   Low Voltage Operation Low Power-Loss Voltage Regulators (SC-63)
PQ070XZ5MZ SHARP-PQ070XZ5MZ Datasheet
89Kb / 8P
   SC-63 Package, Low Voltage Operation Low Power-loss Voltage Regulator
PQXXXEH01ZXH SHARP-PQXXXEH01ZXH Datasheet
188Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
PQXXXEZ1HZXH SHARP-PQXXXEZ1HZXH Datasheet
205Kb / 8P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
R15LD10 UTC-R15LD10_10 Datasheet
439Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
logo
Sharp Corporation
PQXXXEH02ZXH SHARP-PQXXXEH02ZXH Datasheet
237Kb / 6P
   Low Voltage Operation Low Power-Loss Voltage Regulators
logo
Unisonic Technologies
RXXLD10 UTC-RXXLD10 Datasheet
126Kb / 10P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
RXXLD10 UTC-RXXLD10_15 Datasheet
453Kb / 11P
   LOW VOLTAGE OPERATION LOW POWER-LOSS VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com