Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAA7335GP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SAA7335GP
Description  DSP for CD and DVD-ROM systems
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7335GP Datasheet(HTML) 4 Page - NXP Semiconductors

  SAA7335GP Datasheet HTML 1Page - NXP Semiconductors SAA7335GP Datasheet HTML 2Page - NXP Semiconductors SAA7335GP Datasheet HTML 3Page - NXP Semiconductors SAA7335GP Datasheet HTML 4Page - NXP Semiconductors SAA7335GP Datasheet HTML 5Page - NXP Semiconductors SAA7335GP Datasheet HTML 6Page - NXP Semiconductors SAA7335GP Datasheet HTML 7Page - NXP Semiconductors SAA7335GP Datasheet HTML 8Page - NXP Semiconductors SAA7335GP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
1997 Aug 11
4
Philips Semiconductors
Preliminary specification
DSP for CD and DVD-ROM systems
SAA7335
PINNING
SYMBOL
PIN
TYPE
DESCRIPTION
VSSA1
1
supply
analog ground 1
Iref
2
I
analog current reference input for ADC
REFLo
3
I
analog low reference input for ADC
REFHi
4
I
analog high reference input for ADC
VREF
5
I
analog negative input
HFIN
6
I
analog positive input
VSSA2
7
supply
analog ground 2
AGCOUT
8
O
analog test pin output
VDDA2
9
supply
analog supply voltage 2
VDDD1
10
supply
digital supply voltage 1
VSSD1
11
supply
digital ground 1
OTD
12
I
off track detect input
MOTO1
13
O
3-state motor control output
n.c.
14
not connected, reserved
MOTO2/T3
15
I/O
motor control output/tachometer 3 input
n.c.
16
not connected, reserved
T1
17
I
tachometer 1 input
T2
18
I
tachometer 2 input
VDDD2
19
supply
digital supply voltage 2
VSSD2
20
supply
digital ground 2
TEST1
21
I
test input 1
TEST2
22
I
test input 2
POR
23
I
power-on reset input
MUXSWICH
24
I
use clock multiplier input
n.c.
25
not connected, reserved
CL1
26
O
divided clock output
BCAIN
27
I
BCA input
SDA
28
I/O
sub-CPU I2C-bus serial data input/output
SCL
29
I
sub-CPU I2C-bus serial clock input
INT
30
O
sub-CPU interrupt output (open-drain)
VDDD3
31
supply
digital supply voltage 3
VSSD3
32
supply
digital ground 3
da7
33
I/O
sub-CPU data bus bit 7 input/output (parallel)
da6
34
I/O
sub-CPU data bus bit 6 input/output (parallel)
da5
35
I/O
sub-CPU data bus bit 5 input/output (parallel)
n.c.
36
not connected, reserved
da4
37
I/O
sub-CPU data bus bit 4 input/output (parallel)
n.c.
38
not connected, reserved
da3
39
I/O
sub-CPU data bus bit 3 input/output (parallel)
da2
40
I/O
sub-CPU data bus bit 2 input/output (parallel)


Similar Part No. - SAA7335GP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7310 PHILIPS-SAA7310 Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
SAA7310GP PHILIPS-SAA7310GP Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
SAA7310P PHILIPS-SAA7310P Datasheet
683Kb / 27P
   CMOS decoder for compact disc systems
August 1987
SAA7324 PHILIPS-SAA7324 Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
SAA7324H PHILIPS-SAA7324H Datasheet
304Kb / 68P
   Digital servo processor and Compact Disc decoder with integrated DAC CD10 II
2000 Jun 26
More results

Similar Description - SAA7335GP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
logo
Sanyo Semicon Device
LA6505 SANYO-LA6505 Datasheet
138Kb / 13P
   For CD-ROM, DVD-ROM and MD players
logo
Rohm
BH3527FV ROHM-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
List of Unclassifed Man...
BH3527FV ETC2-BH3527FV Datasheet
103Kb / 2P
   Line amplifier for CD-ROM/DVD-ROM
logo
Rohm
BD7956FS ROHM-BD7956FS Datasheet
246Kb / 5P
   7ch Power Driver for CD-ROM, DVD-ROM
BD7904FS ROHM-BD7904FS Datasheet
202Kb / 18P
   5ch Power Driver for CD-ROM, DVD-ROM
BD7903FS ROHM-BD7903FS Datasheet
199Kb / 16P
   5CH Power Driver for CD-ROM, DVD-ROM
BD7902CFS ROHM-BD7902CFS Datasheet
200Kb / 18P
   6CH Power Driver for CD-ROM, DVD-ROM
logo
List of Unclassifed Man...
AMC5902 ETC1-AMC5902 Datasheet
272Kb / 14P
   6CH Motor Driver for CD-ROM, DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com